Electronic Components Datasheet Search
  English  ▼

X  

CD4028BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4028BMS
Description  CMOS BCD-To-Decimal Decoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4028BMS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CD4028BMS Datasheet HTML 2Page - Intersil Corporation CD4028BMS Datasheet HTML 3Page - Intersil Corporation CD4028BMS Datasheet HTML 4Page - Intersil Corporation CD4028BMS Datasheet HTML 5Page - Intersil Corporation CD4028BMS Datasheet HTML 6Page - Intersil Corporation CD4028BMS Datasheet HTML 7Page - Intersil Corporation CD4028BMS Datasheet HTML 8Page - Intersil Corporation CD4028BMS Datasheet HTML 9Page - Intersil Corporation CD4028BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7-794
CD4028BMS
Typical Performance Characteristics
FIGURE 1. TYPICAL OUTPUT LOW (SINK) CURRENT
CAPACITANCE
FIGURE 2. MINIMUM OUTPUT LOW (SINK) CURRENT
CAPACITANCE
FIGURE 3. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF INPUT FREQUENCY
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
300
250
200
150
100
50
0
10
2030
40
50
6070
80
90
100
LOAD CAPACITANCE (CL) (pF)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
15V
10V
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
10V
5V
10V
INPUT FREQUENCY (fI) (kHz)
110
102
103
104
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
104
103
102
10
105
AMBIENT TEMPERATURE (TA) = +25
oC
CL = 15pF
CL = 50pF
SUPPLY VOLTAGE
(VDD) = 15V
105



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com