Electronic Components Datasheet Search
  English  ▼

X  

CD4029BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4029BMS
Description  CMOS Presettable Up/Down Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4029BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4029BMS Datasheet HTML 3Page - Intersil Corporation CD4029BMS Datasheet HTML 4Page - Intersil Corporation CD4029BMS Datasheet HTML 5Page - Intersil Corporation CD4029BMS Datasheet HTML 6Page - Intersil Corporation CD4029BMS Datasheet HTML 7Page - Intersil Corporation CD4029BMS Datasheet HTML 8Page - Intersil Corporation CD4029BMS Datasheet HTML 9Page - Intersil Corporation CD4029BMS Datasheet HTML 10Page - Intersil Corporation CD4029BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
7-806
CD4029BMS
Typical Performance Characteristics (Continued)
Timing Diagrams
FIGURE 8. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE (CARRY
OUTPUT)
FIGURE 9. TYPICAL POWER DISSIPATION AS A FUNCTION
OF FREQUENCY
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
300
200
100
0
20406080100
LOAD CAPACITANCE (CL) (pF)
110
102
103
104
24 6 8
2
4 6 8
2
4 6 8
2
4 6 8
2
4
6
8
10
103
104
105
102
CLOCKFREQUENCY (fCL) (kHz)
24 6 8
2
4
6
8
2
4
6
8
2
4
6
8
CL = 50pF
CL = 15pF
SUPPLY VOLTAGE (VDD) = 15V
AMBIENT TEMPERATURE (TA) = +25
oC
10V
10V
5V
CARRY IN
(CL ENABLE)
UP/DOWN
BINARY/
PRESET
ENABLE
J1
J2
J3
J4
Q1
Q2
Q3
Q4
CARRY OUT
COUNT
5
6
7
8
9 10 11 12 13 14 15 9
8
7
6
5
4
3
2
1
0
0
15
DECADE
CLOCK (CL)
The CD4029BMS CLOCK and UP/DOWN inputs are used
directly in most applications. In applications where CLOCK
UP and CLOCK DOWN inputs are provided, conversion to
the CD4029BMS CLOCK and UP/DOWN inputs can easily
be realized by use of the circuit in Figure 11.
CD4029BMS changes count on positive transitions of
CLOCK UP or CLOCK DOWN inputs. For the gate configu-
ration in Figure 12, when counting up the CLOCK DOWN
input must be maintained high and conversely when count-
ing down the CLOCK UP input must be maintained high.
FIGURE 11. CONVERSION OF CLOCK UP, CLOCK DOWN
INPUT SIGNALS TO CLOCK AND UP/DOWN
INPUT SIGNALS
“UP/DOWN”
“CLOCK”
VDD
1 CD4011
QUAD 2 INPUT NAND GATE
“CLOCK UP”
“CLOCK
DOWN”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com