Electronic Components Datasheet Search
  English  ▼

X  

2SB1026-L Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1026-L
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1026-L Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1026-L Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1026-L Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1026-L Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1026
■
Typical Characterisitics
0
50
100
150
Ambient Temperature Ta (。C)
Maximum Collector Dissipation Curve
1.2
0.8
0.4
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
0
–2
–4
–6
–8
–10
–1.0
–0.8
–0.6
–0.2
–0.4
IB = 0
–0.5 mA
–1
–2
–5
–10
–20
–30
–40
–60
–80
–100
–120
Typical Output Characteristics
–1
–2
–5
–10
–20
–50
–100
–200
–500
Base to Emitter Voltage VBE (V)
–0.2 –0.4
0
–0.6 –0.8 –1.0
VCE = –5 V
Pulse
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
–1
–3
–10 –30 –100 –300 –1,000
0
100
200
300
400
500
600
Ta = 75 C
25
–25
VCE = –5 V
Pulse
。
。
Gain Bandwidth Product vs.
Collector Current
100
200
300
Collector Current IC (mA)
–10
–30
–100
–300
–1,000
VCE = –5 V
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
2
5
10
20
50
100
200
–1
–2
–5 –10 –20
–50 –100
f = 1 MHz
IE = 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com