Electronic Components Datasheet Search
  English  ▼

X  

CD4047BMS Datasheet(PDF) 12 Page - Intersil Corporation

Part # CD4047BMS
Description  CMOS Low-Power Monostable/Astable Multivibrator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4047BMS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CD4047BMS Datasheet HTML 7Page - Intersil Corporation CD4047BMS Datasheet HTML 8Page - Intersil Corporation CD4047BMS Datasheet HTML 9Page - Intersil Corporation CD4047BMS Datasheet HTML 10Page - Intersil Corporation CD4047BMS Datasheet HTML 11Page - Intersil Corporation CD4047BMS Datasheet HTML 12Page - Intersil Corporation CD4047BMS Datasheet HTML 13Page - Intersil Corporation CD4047BMS Datasheet HTML 14Page - Intersil Corporation CD4047BMS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
7-908
CD4047BMS
FIGURE 22. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
AMBIENT TEMPERATURE
FIGURE 23. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
AMBIENT TEMPERATURE
FIGURE 24. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
AMBIENT TEMPERATURE
FIGURE 25. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
AMBIENT TEMPERATURE
FIGURE 26. TYPICAL POWER DISSIPATION vs OUTPUT
FREQUENCY (VDD = 5V)
FIGURE 27. TYPICAL POWER DISSIPATION vs OUTPUT
FREQUENCY (VDD = 10V)
Typical Performance Characteristics (Continued)
RX = 100k
Ω
SUPPLY VOLTAGE (VDD) = 5V
0.001
µF
-8
-6
-4
-2
0
2
4
6
8
-55
-15
25
65
105
145
AMBIENT TEMPERATURE (TA) (
oC)
0.01
µF
0.1
µF
0.001
µF
0.01
µF
0.1
µF
-35
5
45
85
125
RX = 100k
Ω
SUPPLY VOLTAGE (VDD) = 10V OR 15V
-12
-50
AMBIENT TEMPERATURE (TA) (
oC)
-35 -15 5
25 45 65 85 105 125 145
-10
-8
-6
-4
-2
0
2
4
6
8
10
0.1
µF AND 0.001µF
CX = 100pF
0.01
µF
0.1
µF, 0.01µF
0.001
µF
100pF
-55
-15
25
65
105
145
AMBIENT TEMPERATURE (TA) (
oC)
-35
5
45
85
125
CX = 1000pF
SUPPLY VOLTAGE (VDD) = 5V OR 10V
-12
-10
-8
-6
-4
-2
0
2
4
100k
Ω
RX = 1M
Ω
10k
Ω
10M
Ω
10M
Ω
1M
Ω
10k
Ω
100k
Ω
CX = 1000pF
SUPPLY VOLTAGE (VDD) = 15V
-12
-50
AMBIENT TEMPERATURE (TA) (
oC)
-35
-15
5
25
45
65
85
105
125
145
-10
-8
-6
-4
-2
0
2
4
10M
Ω
10k
Ω
RX = 1M
Ω
100k
Ω
1M
Ω
10M
Ω
10k
Ω
100k
Ω
ASTABLE MODE
SUPPLY VOLTAGE (VDD) = 5V
105
104
103
102
101
100
10-1
100
101
102
103
104
105
106
Q OR Q FREQUENCY (F) (Hz)
C = 0.1
µF
C = 0.01
µF
C =1000pF
C =100pF
C =10pF
ASTABLE MODE
SUPPLY VOLTAGE (VDD) = 10V
105
104
103
102
101
10-1
100
101
102
103
104
105
106
Q OR Q FREQUENCY (F) (Hz)
C = 0.1
µF
C = 0.01
µF
C =1000pF
C =100pF
C =10pF
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com