Electronic Components Datasheet Search
  English  ▼

X  

CD4068BMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4068BMS
Description  CMOS 8 Input NAND/AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4068BMS Datasheet(HTML) 8 Page - Intersil Corporation

  CD4068BMS Datasheet HTML 1Page - Intersil Corporation CD4068BMS Datasheet HTML 2Page - Intersil Corporation CD4068BMS Datasheet HTML 3Page - Intersil Corporation CD4068BMS Datasheet HTML 4Page - Intersil Corporation CD4068BMS Datasheet HTML 5Page - Intersil Corporation CD4068BMS Datasheet HTML 6Page - Intersil Corporation CD4068BMS Datasheet HTML 7Page - Intersil Corporation CD4068BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
992
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
CD4068BMS
FIGURE 9. TYPICAL VOLTAGE TRANSFER
CHARACTERISTICS (NAND OUTPUT)
FIGURE 10. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF FREQUENCY
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
15
10
5
0
5
10
15
20
25
INPUT VOLTAGE (VI) (V)
CL = 15pF
CL = 50pF
10V
5V
10V
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
105
103
10
102
104
INPUT FREQUENCY (fI) (kHz)
110
102
103
104
8
6
4
28
6
4
28
6
4
28
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com