Electronic Components Datasheet Search
  English  ▼

X  

CD4078BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4078BMS
Description  CMOS 8 Input NOR/OR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4078BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4078BMS Datasheet HTML 1Page - Intersil Corporation CD4078BMS Datasheet HTML 2Page - Intersil Corporation CD4078BMS Datasheet HTML 3Page - Intersil Corporation CD4078BMS Datasheet HTML 4Page - Intersil Corporation CD4078BMS Datasheet HTML 5Page - Intersil Corporation CD4078BMS Datasheet HTML 6Page - Intersil Corporation CD4078BMS Datasheet HTML 7Page - Intersil Corporation CD4078BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-1038
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4078BMS
CMOS 8 Input NOR/OR Gate
Features
• High Voltage Type (20V Rating)
• Medium Speed Operation
- tPHL, tPLH = 75ns (Typ.) at VDD = 10V
• Buffered Inputs and Output
• 5V, 10V and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Description
CD4078BMS NOR/OR Gate provides the system designer with
direct implementation of the positive logic 8 input NOR and OR
functions and supplements the existing family of CMOS gates.
The CD4078BMS is supplied in these 14 lead outline packages:
Braze Seal DIP
H4Q
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
December 1992
File Number
3326
Pinout
CD4078BMS
TOP VIEW
Functional Diagram
K
**
A
B
C
D
NC
VSS
VDD
J
*
H
G
F
E
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
J = A + B + C + D + E + F + G + H
K = A + B + C + D + E + F + G + H
*
**
NC = NO CONNECTION
12
11
10
9
2
3
4
5
A
B
C
D
E
F
G
H
13
J
K
1
J = A + B + C + D + E + F + G + H
K = A + B + C + D + E + F + G + H
VDD = 14
VSS = 7
6, 8 = NO CONNECTION
Logic Diagram
FIGURE 1. LOGIC DIAGRAM
13 J
1
K
2
A
3
B
4
C
5
D
9
E
10
F
11
G
12
H


Similar Part No. - CD4078BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4078BM TI-CD4078BM Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078BM TI1-CD4078BM Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078BM TI2-CD4078BM Datasheet
969Kb / 20P
CMOS 8-Input NOR/OR Gate
Revised September 2003
CD4078BM96 TI-CD4078BM96 Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078BM96 TI1-CD4078BM96 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results

Similar Description - CD4078BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
8 INPUT NOR/OR GATE
Oct-1992
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
8-INPUT NOR/OR GATE
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
208Kb / 8P
8-INPUT NOR/OR GATE
Jul-2001
HCF4078B STMICROELECTRONICS-HCF4078B_02 Datasheet
121Kb / 7P
8 INPUT NOR/OR GATE
Sep-2002
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
8-INPUT OR/NOR GATE
CD4078BE TI1-CD4078BE Datasheet
917Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com