Electronic Components Datasheet Search
  English  ▼

X  

CD4098BMS Datasheet(PDF) 11 Page - Intersil Corporation

Part # CD4098BMS
Description  CMOS Dual Monostable Multivibrator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4098BMS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CD4098BMS Datasheet HTML 3Page - Intersil Corporation CD4098BMS Datasheet HTML 4Page - Intersil Corporation CD4098BMS Datasheet HTML 5Page - Intersil Corporation CD4098BMS Datasheet HTML 6Page - Intersil Corporation CD4098BMS Datasheet HTML 7Page - Intersil Corporation CD4098BMS Datasheet HTML 8Page - Intersil Corporation CD4098BMS Datasheet HTML 9Page - Intersil Corporation CD4098BMS Datasheet HTML 10Page - Intersil Corporation CD4098BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
7-492
CD4098BMS
FIGURE 13. ASTABLE MULTIVIBRATOR WITH RESTART AFTER RESET CAPABILITY
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
Applications (Continued)
IDD, TX vs RX
RX
IDD
(AVG.)
TX
(T1 + T2)
VDD
10k
Ω
10M
Ω
1mA
0.05mA
3.8
µs
0.5s
5V
2.5mA
0.5mA
3.2
µs
0.5s
10V
5mA
1mA
3
µs
0.5s
10V
NOTES:
1. All values are typical.
2. CX range: 0.0001
µF to 0.1µF
MONO 1
4
5
3
+TR
VDD
RX1
12
6
CX1
MONO 2
11
12
13
-TR
R
RX2
15
14
9
Q2
CX2
VSS
VDD
OUTPUT
IDD
VDD
SUPPLY
Q2
R
8
VSS
Q1
Q1
VDD
VSS
RESET
TO ENSURE RESTART, APPLY RESET
(NEGATIVE PULSE) AFTER VDD
SUPPLY VOLTAGE HAS REACHED
ITS VDD LEVEL
*
VDD
0
Q2
IDD
T2
T2
T1
VDD
SUPPLY
RESET
*
10
TX
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com