Electronic Components Datasheet Search
  English  ▼

X  

CD4099BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4099BMS
Description  CMOS 8-Bit Addressable Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4099BMS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CD4099BMS Datasheet HTML 2Page - Intersil Corporation CD4099BMS Datasheet HTML 3Page - Intersil Corporation CD4099BMS Datasheet HTML 4Page - Intersil Corporation CD4099BMS Datasheet HTML 5Page - Intersil Corporation CD4099BMS Datasheet HTML 6Page - Intersil Corporation CD4099BMS Datasheet HTML 7Page - Intersil Corporation CD4099BMS Datasheet HTML 8Page - Intersil Corporation CD4099BMS Datasheet HTML 9Page - Intersil Corporation CD4099BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7-500
CD4099BMS
FIGURE 2. DEFINITION OF WRITE DISABLE ON TIME
FIGURE 3. MASTER TIMING DIAGRAM
FIGURE 4. 1 OF 16 DECODER/DEMULTIPLEXER
FIGURE 5. MULTIPLE SELECTION DECODING - 4 x 4 CROSSPOINT SWITCH
70%
30%
70%
30%
70%
tW
A0
A1
A2
WD
MODE SELECTION
WD
R
ADDRESSED
LATCH
UNADDRESSED
LATCH
0
0
Follows Data
Holds Previous
State
0
1
Follows Data
Reset to “0”
(Active High 8-Channel Demultiplexer)
1
0
Holds Previous State
1
1
Reset to “0”
Reset to “0”
WD = Write Disable
R = Reset
tW
8
tW
4
tS
6
tH
7
tW
5
tP
2
tP
3
tP
1
tP
9
A0, A1, A2
WRITE DISABLE
DATA
RESET
Q0
Q7
tP
Q7
tP
tP
A0
A1
A2
A3
DATA IN
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
A0
A1
A2
WD
DATA
9
10
11
12
13
14
15
1
DO 9
DO 10
DO 11
DO 12
DO 13
DO 14
DO 15
DO 16
5
6
7
4
3
2
VDD
*
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
A0
A1
A2
WD
DATA
9
10
11
12
13
14
15
1
DO 1
DO 2
DO 3
DO 4
DO 5
DO 6
DO 7
DO 8
5
6
7
4
3
R
2
VDD
R
*1/6 CD4069
Q0
Q1
R
WD
D
0
1
2
3
X
IN/OUT
01
2
3
Y
IN/OUT
1/4 CD4016
S1
S2
S0
S5
CD4099BMS
Q15
R
WD
D
CD4099BMS
DATA
A0
A1
A2
A3
WD
WD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com