Electronic Components Datasheet Search
  English  ▼

X  

CD4510BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4510BMS
Description  CMOS Presettable Up/Down Counters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4510BMS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD4510BMS Datasheet HTML 2Page - Intersil Corporation CD4510BMS Datasheet HTML 3Page - Intersil Corporation CD4510BMS Datasheet HTML 4Page - Intersil Corporation CD4510BMS Datasheet HTML 5Page - Intersil Corporation CD4510BMS Datasheet HTML 6Page - Intersil Corporation CD4510BMS Datasheet HTML 7Page - Intersil Corporation CD4510BMS Datasheet HTML 8Page - Intersil Corporation CD4510BMS Datasheet HTML 9Page - Intersil Corporation CD4510BMS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
CD4510BMS
Static Burn-In 1
(Note 1)
2, 6, 7, 11, 14
1, 3-5, 8-10, 12, 13,
15
16
Static Burn-In 2
(Note 1)
2, 6, 7, 11, 14
8
1, 3-5, 9, 10, 12, 13,
15, 16
Dynamic Burn-
In (Note 1)
-
1, 3, 4, 8, 9, 12, 13
10, 16
2, 6, 7, 11, 14
15
5
Irradiation
(Note 2)
2, 6, 7, 11, 14
8
1, 3-5, 9, 10, 12, 13,
15, 16
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
Logic Diagrams
FIGURE 1. CD4510BMS
P
Q
Q
PE
C
T
P1
*
4
Q1
6
9
RESET
*
P
Q
Q
PE
C
T
P2
*
12
Q2
11
P
Q
Q
PE
C
T
P3
*
13
Q3
14
P
Q
Q
PE
C
T
P4
*
3
Q4
2
PRESET
*
ENABLE
1
15
CLOCK
*
7
CARRY OUT
U/D
Q4
Q3
Q4
U/D
Q2
U/D Q3 U/D
U/D
Q2
Q3
U/D
Q2
Q3
Q3
Q4
Q4
Q4
Q3
Q3
Q2
Q2
Q1
5
CARRY IN
*
10
UP/DOWN
*
Q1
U/D
U/D
VDD
VSS
* ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK
U/D
Q4
Q2
Q2
CD4510BMS, CD4516BMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com