Electronic Components Datasheet Search
  English  ▼

X  

CD4527BMS Datasheet(PDF) 11 Page - Intersil Corporation

Part # CD4527BMS
Description  CMOS BCD Rate Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4527BMS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CD4527BMS Datasheet HTML 3Page - Intersil Corporation CD4527BMS Datasheet HTML 4Page - Intersil Corporation CD4527BMS Datasheet HTML 5Page - Intersil Corporation CD4527BMS Datasheet HTML 6Page - Intersil Corporation CD4527BMS Datasheet HTML 7Page - Intersil Corporation CD4527BMS Datasheet HTML 8Page - Intersil Corporation CD4527BMS Datasheet HTML 9Page - Intersil Corporation CD4527BMS Datasheet HTML 10Page - Intersil Corporation CD4527BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
7-1226
CD4527BMS
Timing Diagram
FIGURE 11. (SEE LOGIC DIAGRAM)
Chip Dimensions and Pad Layout
CLOCK
Qa
Qb
Qc
Qd
R1
R2
R3
R4
OUTPUT (PIN 6)
A ENABLED
B ENABLED
C ENABLED
D ENABLED
INH. OUT
OUTPUT (PIN 6)
PRESET NO. OF 1
PRESET NO. OF 2
PRESET NO. OF 3
PRESET NO. OF 4
PRESET NO. OF 5
PRESET NO. OF 6
PRESET NO. OF 7
PRESET NO. OF 8
PRESET NO. OF 9
012345678901234
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com