Electronic Components Datasheet Search
  English  ▼

X  

AD7938 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7938 Datasheet HTML 9Page - Analog Devices AD7938 Datasheet HTML 10Page - Analog Devices AD7938 Datasheet HTML 11Page - Analog Devices AD7938 Datasheet HTML 12Page - Analog Devices AD7938 Datasheet HTML 13Page - Analog Devices AD7938 Datasheet HTML 14Page - Analog Devices AD7938 Datasheet HTML 15Page - Analog Devices AD7938 Datasheet HTML 16Page - Analog Devices AD7938 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD7938/AD7939
Rev. C | Page 13 of 36
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale, 1 LSB below
the first code transition, and full scale, 1 LSB above the last code
transition.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00…000) to
(00…001) from the ideal (that is, AGND + 1 LSB).
Offset Error Match
This is the difference in offset error between any two channels.
Gain Error
This is the deviation of the last code transition (111…110) to
(111…111) from the ideal (that is, VREF − 1 LSB) after the offset
error has been adjusted out.
Gain Error Match
This is the difference in gain error between any two channels.
Zero-Code Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range with −VREF to
+VREF biased about the VREFIN point. It is the deviation of the
midscale transition (all 0s to all 1s) from the ideal VIN voltage
(that is, VREF).
Zero-Code Error Match
This is the difference in zero-code error between any two
channels.
Positive Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range with −VREF to
+VREF biased about the VREFIN point. It is the deviation of the last
code transition (011…110) to (011…111) from the ideal (that
is, VREF − 1 LSB) after the zero-code error has been adjusted out.
Positive Gain Error Match
This is the difference in positive gain error between any two
channels.
Negative Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range with −VREF to
+VREF biased about the VREF point. It is the deviation of the first
code transition (100…000) to (100…001) from the ideal (that is,
−VREFIN + 1 LSB) after the zero-code error has been adjusted out.
Negative Gain Error Match
This is the difference in negative gain error between any two
channels.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale sine wave signal to all seven nonselected input channels
and applying a 50 kHz signal to the selected channel. The
channel-to-channel isolation is defined as the ratio of the power
of the 50 kHz signal on the selected channel to the power of the
noise signal on the unselected channels that appears in the FFT
of this channel. The noise frequency on the unselected channels
varies from 40 kHz to 740 kHz. The noise amplitude is at 2 × VREF,
while the signal amplitude is at 1 × VREF. See Figure 5.
Power Supply Rejection Ratio (PSRR)
PSRR is defined as the ratio of the power in the ADC output at
full-scale frequency, f, to the power of a 100 mV p-p sine wave
applied to the ADC VDD supply of frequency, fS. The frequency
of the noise varies from 1 kHz to 1 MHz.
PSRR (dB) = 10 log(Pf/PfS)
where:
Pf is the power at frequency f in the ADC output.
PfS is the power at frequency fS in the ADC output.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output at
full-scale frequency, f, to the power of a 100 mV p-p sine wave
applied to the common-mode voltage of VIN+ and VIN− of
frequency, fS.
CMRR (dB) = 10 log(Pf/PfS)
where:
Pf is the power at frequency f in the ADC output.
PfS is the power at frequency fS in the ADC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com