Electronic Components Datasheet Search
  English  ▼

X  

CD74AC238 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC238
Description  3-to-8-Line Decoders/Demultiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC238 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC238 Datasheet HTML 1Page - Texas Instruments CD74AC238 Datasheet HTML 2Page - Texas Instruments CD74AC238 Datasheet HTML 3Page - Texas Instruments CD74AC238 Datasheet HTML 4Page - Texas Instruments CD74AC238 Datasheet HTML 5Page - Texas Instruments CD74AC238 Datasheet HTML 6Page - Texas Instruments CD74AC238 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS234A
Features
• ’AC138, ’ACT138. . . . . . . . . . . . . . . . . . . . . . . . Inverting
• CD74AC238, CD74ACT238 . . . . . . . . . . . Non-Inverting
• Buffered Inputs
• Typical Propagation Delay
- 5ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Pinout
CD54AC138, CD54ACT138
(CERDIP)
CD74AC138, CD74ACT138, CD74AC238, CD74ACT238
(PDIP, SOIC)
TOP VIEW
Description
The ’AC138, ’ACT138, CD74AC238, and CD74ACT238 are
3-to-8-line decoders/demultiplexers that utilize Advanced
CMOS Logic technology. Both circuits have three binary
select inputs (A0, A1, and A2). If the device is enabled, these
inputs determine which one of the eight normally HIGH out-
puts of the AC/ACT138 will go LOW or which on of the nor-
mally LOW outputs of the AC/ACT238 will go HIGH. Two
active LOW and one active HIGH enables (E1, E2 and E3)
are provided to simplify the cascading of these devices.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
A1
A2
E1
E2
E3
GND
AC/ACT138 Y7
VCC
Y1 AC/ACT138
Y2 AC/ACT138
Y3 AC/ACT138
Y4 AC/ACT138
Y5 AC/ACT138
Y6 AC/ACT138
Y0 AC/ACT138
AC/ACT238 Y7
Y0 AC/ACT238
Y1 AC/ACT238
Y2 AC/ACT238
Y3 AC/ACT238
Y4 AC/ACT238
Y5 AC/ACT238
Y6 AC/ACT238
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD54AC138F3A
-55 to 125
16 Ld CERDIP
CD74AC138E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
CD74AC138M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
CD54ACT138F3A
-55 to 125
16 Ld CERDIP
CD74ACT138E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
CD74ACT138M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
CD74AC238E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
CD74AC238M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
CD74ACT238E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
CD74ACT238M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local TI sales office or cus-
tomer service for ordering information.
September 1998 - Revised May 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated.
CD54/74AC138, CD54/74ACT138,
CD74AC238, CD74ACT238
3-to-8-Line Decoders/Demultiplexers
[ /Title
(CD74
AC138
,
CD74
ACT13
8,
CD74
AC238
,
CD74
ACT23
8)
/Sub-
ject (3-
to-8-
Line
Decod-
ers/De
multi-
plex-
ers)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced


Similar Part No. - CD74AC238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC238 TI-CD74AC238 Datasheet
219Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
CD74AC238 TI1-CD74AC238 Datasheet
779Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
CD74AC238 TI1-CD74AC238 Datasheet
2Mb / 29P
CD74AC238 3-Line to 8-Line Decoder/Demultiplexer
JULY 2024
CD74AC238-MIL TI1-CD74AC238-MIL Datasheet
779Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
CD74AC238BQBR TI1-CD74AC238BQBR Datasheet
2Mb / 29P
CD74AC238 3-Line to 8-Line Decoder/Demultiplexer
JULY 2024
More results

Similar Description - CD74AC238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com