Electronic Components Datasheet Search
  English  ▼

X  

CD54AC573 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD54AC573
Description  Octal Transparent Latch Three-State, Non-Inverting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC573 Datasheet(HTML) 1 Page - Intersil Corporation

  CD54AC573 Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1994
1
SEMICONDUCT OR
CD54AC573/3A
CD54ACT573/3A
Octal Transparent Latch
Three-State, Non-Inverting
Functional Diagram
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
OE
LE
D0
D1
D2
D3
D4
D5
D6
D7
Description
The CD54AC573/3A and CD54ACT573/3A are octal trans-
parent three-state latches that utilize the Harris Advanced
CMOS Logic technology. The outputs are transparent to the
inputs when the Latch Enable (LE) is HIGH. When the Latch
Enable (LE) goes LOW, the data is latched. The Output
Enable (OE) controls the three-state outputs. When the Out-
put Enable (OE) is HIGH, the outputs are in the high-imped-
ance state. The latch operation is independent of the state of
the Output Enable.
The CD54AC573/3A and CD54ACT573/3A are supplied in
20 lead dual-in-line ceramic packages (F suffix).
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD (NOTE 1)
OE
0.87
Dn
0.5
LE
0.8
NOTE:
1. Unit load is
∆I
CC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA Max at +25oC.
June 1997
File Number
3915
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current, Per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or GND Current, ICC or IGND
For Up to 4 Outputs Per Device, Add
±25mA For Each
Additional Output
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±100mA
Power Dissipation Per Package, PD
TA = -55
oC to +100oC (Package F) . . . . . . . . . . . . . . . . . . 500mW
TA = +100
oC to +125oC (Package F) . . . . . . . . Derate Linearly at
8mW/oC to 300mW
Operating Temperature Range, TA
Package Type F . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Storage Temperature, TSTG . . . . . . . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At Distance 1/16in.
± 1/32in. (1.59mm ± 0.79mm)
From Case For 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Unit Inserted Into a PC Board (Min Thickness 1/16in., 1.59mm)
With Solder Contacting Lead Tips Only. . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage Range, VCC
Unless Otherwise Specified, All Voltages Referenced to GND
TA = Full Package Temperature Range
CD54AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
CD54ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO. . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature, TA . . . . . . . . . . . . . . . . . . . -55
oC to +125oC
Input Rise and Fall Slew Rate, dt/dv
at 1.5V to 3V (AC Types) . . . . . . . . . . . . . . . . . . . 0ns/V to 50ns/V
at 3.6V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 20ns/V
at 4.5V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 10ns/V
COMING SOON!
COMPLETE DATA SHEET


Similar Part No. - CD54AC573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC573 TI-CD54AC573 Datasheet
240Kb / 8P
OCTAL TRANSPARENT LATCH, 3-STATE
CD54AC573 TI1-CD54AC573 Datasheet
1Mb / 17P
Octal transparent Latch, 3-state
CD54AC573 TI2-CD54AC573 Datasheet
828Kb / 18P
Octal TRansparent Latch, 3-State
29-May-2025
CD54AC573-MIL TI1-CD54AC573-MIL Datasheet
1Mb / 17P
Octal transparent Latch, 3-state
CD54AC573F3A TI1-CD54AC573F3A Datasheet
979Kb / 16P
Octor Transparent Latch, 3-state
More results

Similar Description - CD54AC573

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC373A MOTOROLA-MC54-74HC373A Datasheet
202Kb / 8P
Octal 3-State Non-Inverting Transparent Latch
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A Datasheet
195Kb / 8P
Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
logo
Texas Instruments
CD74HC533 TI-CD74HC533 Datasheet
50Kb / 9P
High Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Intersil Corporation
CD54AC373 INTERSIL-CD54AC373 Datasheet
9Kb / 1P
Octal Transparent Latch Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54HC533 TI-CD54HC533 Datasheet
282Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Integral Corp.
IN74ACT533 INTEGRAL-IN74ACT533 Datasheet
195Kb / 5P
OCTAL 3-STATE INVERTING TRANSPARENT LATCH
logo
Texas Instruments
CD54HC533 TI-CD54HC533_07 Datasheet
286Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
KODENSHI_AUK CORP.
KK74HC533A KODENSHI-KK74HC533A Datasheet
279Kb / 7P
Octal 3-State Inverting Transparent Latch
logo
Texas Instruments
CD54HC533 TI-CD54HC533_08 Datasheet
288Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A_14 Datasheet
122Kb / 7P
Octal 3-State Non-Inverting Transparent Latch
August, 2014 ??Rev. 15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com