Electronic Components Datasheet Search
  English  ▼

X  

CDP1802ACE Datasheet(PDF) 8 Page - Intersil Corporation

Part # CDP1802ACE
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802ACE Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CDP1802ACE Datasheet HTML 4Page - Intersil Corporation CDP1802ACE Datasheet HTML 5Page - Intersil Corporation CDP1802ACE Datasheet HTML 6Page - Intersil Corporation CDP1802ACE Datasheet HTML 7Page - Intersil Corporation CDP1802ACE Datasheet HTML 8Page - Intersil Corporation CDP1802ACE Datasheet HTML 9Page - Intersil Corporation CDP1802ACE Datasheet HTML 10Page - Intersil Corporation CDP1802ACE Datasheet HTML 11Page - Intersil Corporation CDP1802ACE Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
3-10
EF1-4 Set Up
tSU
5
5
-30
20
-30
0
ns
5
10
-20
30
-
-
ns
10
10
-10
40
-
-
ns
EF1-4 Hold
tH
(Note 2)
5
5
150
200
100
150
ns
5
10
100
150
-
-
ns
10
10
75
100
-
-
ns
Minimum Pulse Width Times
CLEAR Pulse Width
tWL
(Note 2)
5
5
150
300
100
150
ns
5
10
100
200
-
-
ns
10
10
75
150
-
-
ns
CLOCK Pulse Width
tWL
5
5
125
150
90
100
ns
5
10
100
125
-
-
ns
10
10
60
75
-
-
ns
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD.
2. Maximum limits of minimum characteristics are the values above which all devices function.
Timing Specifications as a function of T(T = 1/fCLOCK) at TA = -40 to +85oC, Except as Noted
PARAMETERS
SYMBOL
TEST CONDITIONS
CDP1802A,
CDP1802AC
CDP1802BC
UNITS
VCC (V)
VDD (V)
MIN
(NOTE 1)
TYP
MIN
(NOTE 1)
TYP
High-Order Memory-Address Byte
Set Up to TPA
Time
tSU
5
5
2T-550
2T-400
2T-325
2T-275
ns
5
10
2T-350
2T250
-
-
ns
10
10
2T-250
2T-200
-
-
ns
High-Order Memory-Address Byte
Hold After TPA Time
tH
5
5
t/2-25
T/2-15
T/2-25
T/2-15
ns
5
10
T/2-35
T/2-25
-
-
ns
10
10
T/2-10
T/2-+0
-
-
ns
Low-Order Memory-Address Byte
Hold After WR Time
tH
5
5
T-30
T+0
T-30
T+0
ns
5
10
T-20
T+0
-
-
ns
10
10
T-10
T+0
-
-
ns
CPU Data to Bus Hold After WR
Time
tH
5
5
T-200
T-150
T-175
T-125
ns
5
10
T-150
T-100
-
-
ns
10
10
T-100
T-50
-
-
ns
Dynamic Electrical Specifications TA = -40oC to +85oC, CL = 50pF, VDD ±5%, Except as Noted (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
CDP1802A,
CDP1802AC
CDP1802BC
UNITS
VCC (V) VDD (V)
(NOTE 1)
TYP
MAX
(NOTE 1)
TYP
MAX
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com