Electronic Components Datasheet Search
  English  ▼

X  

CDP1802ACEX Datasheet(PDF) 15 Page - Intersil Corporation

Part # CDP1802ACEX
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802ACEX Datasheet(HTML) 15 Page - Intersil Corporation

Back Button CDP1802ACEX Datasheet HTML 11Page - Intersil Corporation CDP1802ACEX Datasheet HTML 12Page - Intersil Corporation CDP1802ACEX Datasheet HTML 13Page - Intersil Corporation CDP1802ACEX Datasheet HTML 14Page - Intersil Corporation CDP1802ACEX Datasheet HTML 15Page - Intersil Corporation CDP1802ACEX Datasheet HTML 16Page - Intersil Corporation CDP1802ACEX Datasheet HTML 17Page - Intersil Corporation CDP1802ACEX Datasheet HTML 18Page - Intersil Corporation CDP1802ACEX Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
3-17
FIGURE 14. INTERRUPT CYCLE TIMING WAVEFORMS
Performance Curves
FIGURE 15. CDP1802A, AC TYPICAL MAXIMUM CLOCK
FREQUENCY AS A FUNCTION OF TEMPERATURE
FIGURE 16. CDP1802BC TYPICAL MAXIMUM CLOCK
FREQUENCY AS A FUNCTION OF TEMPERATURE
Machine Cycle Timing Waveforms (Propagation Delays Not Shown) (Continued)
01234567012345670123456
CLOCK
TPA
TPB
MACHINE
CYCLE
INSTRUCTION
CYCLE n
CYCLE (n + 1)
CYCLE (n + 2)
INTERRUPT (S3)
EXECUTE (S1)
FETCH (S0)
MRD
MWR
INTERRUPT
MEMORY
OUTPUT
VALID OUTPUT
NOTE 1
MEMORY READ CYCLE
MEMORY READ, WRITE
NON-MEMORY CYCLE
OR NON-MEMORY CYCLE
“DON’T CARE” OR INTERNAL DELAYS
HIGH IMPEDANCE STATE
(NOTE 1)
(INTERNAL) IE
USER GENERATED SIGNAL
8
7
6
5
4
3
2
1
0
25
35
45
55
65
75
85
95
105
115
125
TA, AMBIENT TEMPERATURE (
oC)
CL, LOAD CAPACITANCE = 50pF
VCC = VDD = 10V
VCC = 5V, VDD = 10V
VCC = VDD = 5V
CL, LOAD CAPACITANCE = 50pF
VCC = VDD = 5V
8
7
6
5
4
3
2
1
0
25
35
45
55
65
75
85
95
105
115
125
TA, AMBIENT TEMPERATURE (
oC)
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com