Electronic Components Datasheet Search
  English  ▼

X  

CDP1852 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1852
Description  Byte-Wide Input/Output Port
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1852 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1852 Datasheet HTML 1Page - Intersil Corporation CDP1852 Datasheet HTML 2Page - Intersil Corporation CDP1852 Datasheet HTML 3Page - Intersil Corporation CDP1852 Datasheet HTML 4Page - Intersil Corporation CDP1852 Datasheet HTML 5Page - Intersil Corporation CDP1852 Datasheet HTML 6Page - Intersil Corporation CDP1852 Datasheet HTML 7Page - Intersil Corporation CDP1852 Datasheet HTML 8Page - Intersil Corporation CDP1852 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
TM
CDP1852,
CDP1852C
Byte-Wide Input/Output Port
Description
The CDP1852 and CDP1852C are parallel, 8-bit, mode-pro-
grammable input/output ports. They are compatible and will
interface directly with CDP1800-series microprocessors. They
are also useful as 8-bit address latches when used with the
CDP1800 multiplexed address bus and as I/O ports in general-
purpose applications.
The mode control is used to program the device as an input port
(mode = 0) or as an output port (mode = 1). The SR/SR output
can be used as a signal to indicate when data is ready to be
transferred. In the input mode, a peripheral device can strobe
data into the CDP1852, and microprocessor can read that data
by device selection. In the output mode, a microprocessor
strobes data into the CDP1852, and handshaking is established
with a peripheral device when the CDP1852 is deselected.
In the input mode, data at the data-in terminals (DI0-DI7) is
strobed into the port’s 8-bit register by a high (1) level on the
clock line. The negative high-to-low transition of the clock
latches the data in the register and sets the service request out-
put low (SR/SR = 0). When CS1/CS1 and CS2 are high
(CS1/CS1 and CS2 = 1), the three-state output drivers are
enabled and data in the 8-bit register appear at the data-out ter-
minals (D00-D07). When either CS1/CS1 or CS2 goes low
(CS1/CS1 or CS2 = 0), the data-out terminals are three-stated
and the service request output returns high (SR/SR =1).
In the output mode, the output drivers are enabled at all times.
Data at the data-in terminals (DI0-DI7) is strobed into the 8-bit
register when CS1/CS1 is low (CS1/CS1 = 0) and CS2 and the
clock are high (1), and are present at the data-out terminals
(D00-D07). The negative high-to-low transition of the clock
latches the data in the register. The SR/SR output goes high
(SR/SR = 1) when the device is deselected (CS1/CS1 = 1 or
CS2 = 0) and returns low (SR/SR = 0) on the following trailing
edge of the clock.
Features
• Static Silicon-Gate CMOS Circuitry
• Parallel 8-Bit Data Register and Buffer
• Handshaking Via Service Request Flip-Flop
• Low Quiescent and Operating Power
• Interfaces Directly with CDP1800-Series
Microprocessors
• Single Voltage Supply
• Full Military Temperature Range (-55oC to +125oC)
Ordering Information
PACKAGE TEMP. RANGE
5V
10V
PKG.
NO.
PDIP
-40oC to +85oC CDP1852CE CDP1852E
E24.6
SBDIP
-40oC to +85oC CDP1852CD CDP1852D
D24.6
March 1997
File Number
1166.2
Pinout
24 LEAD DIP
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
CSI/CSI
MODE
DI0
DO0
DI1
DO1
DI2
DO2
DI3
DO3
CLOCK
VSS
16
17
18
19
20
21
22
23
24
15
14
13
VDD
DI7
DO7
DI6
DO6
DO5
DO4
CLEAR
CS2
SR/SR
DI5
DI4
Typical CDP1802 Microprocessor System
FIGURE 1.
TPB
I/O
CDP1852
N0 - N2 MRD
DMA - IN DMA - OUT
EF1 - EF4
SC0 SC1
Q
INTERRUPT
CONTROL
CPU
CDP1802
ADDR BUS
DATA
RAM
ROM
TPA
MRD
MWR
ADDR BUS
TPA
MRD
CEO
BIDIRECTIONAL DATA BUS
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - CDP1852

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1852/3 INTERSIL-CDP1852/3 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
CDP18523 INTERSIL-CDP18523 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
CDP1852C/3 INTERSIL-CDP1852C/3 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
CDP1852CD3 INTERSIL-CDP1852CD3 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
CDP1852D3 INTERSIL-CDP1852D3 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
More results

Similar Description - CDP1852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
INPUT/OUTPUT PORT EXPANDER
logo
Wolfson Microelectronic...
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2633 WOLFSON-WM2633 Datasheet
389Kb / 12P
Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
8-BIT INPUT/OUTPUT PORT
logo
List of Unclassifed Man...
WRAP-3W ETC-WRAP-3W Datasheet
87Kb / 2P
WIDE INPUT ISOLATED & REGULATED 3W OUTPUT
logo
Intersil Corporation
CDP18523 INTERSIL-CDP18523 Datasheet
218Kb / 7P
High-Reliability Byte-Wide Input/Output Port
logo
Astec America, Inc
AA60A-036L-050D033H ASTEC-AA60A-036L-050D033H Datasheet
74Kb / 2P
AA60A Series - WIde Input - Dual Output
logo
MORNSUN Science& Techno...
K78L03-500 MORNSUN-K78L03-500 Datasheet
468Kb / 5P
WIDE INPUT NON-ISOLATED REGULATED OUTPUT
K78L03-1000 MORNSUN-K78L03-1000 Datasheet
308Kb / 3P
WIDE INPUT NON-ISOLATED REGULATED OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com