Electronic Components Datasheet Search
  English  ▼

X  

CDP1852CE Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1852CE
Description  Byte-Wide Input/Output Port
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1852CE Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1852CE Datasheet HTML 1Page - Intersil Corporation CDP1852CE Datasheet HTML 2Page - Intersil Corporation CDP1852CE Datasheet HTML 3Page - Intersil Corporation CDP1852CE Datasheet HTML 4Page - Intersil Corporation CDP1852CE Datasheet HTML 5Page - Intersil Corporation CDP1852CE Datasheet HTML 6Page - Intersil Corporation CDP1852CE Datasheet HTML 7Page - Intersil Corporation CDP1852CE Datasheet HTML 8Page - Intersil Corporation CDP1852CE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Output Voltage High Level
(Note 2)
VOH
-0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5,
4.5
-5
-
-
1.5
-
-
1.5
V
0.5,
9.5
-
10
-
-
3
---
V
Input High Voltage
VlH
0.5,
4.5
-5
3.5
-
-
3.5
-
-
V
0.5,
9.5
-
10
7
--
---
V
Input Leakage Current
IlN
-0, 5
5
-
-
±1-
-
±1
µA
-
0, 10
10
-
-
±2
---
µA
Three-State Output Leakage
Current
IOUT
0, 5
0, 5
5
-
-
±1-
-
±1
µA
0, 10
0, 10
10
-
-
±2
---
µA
Operating Current (Note 3)
IDD1
-
0, 5
5
-
130
300
-
150
300
µA
-
0, 10
10
-
550
800
-
-
-
µA
Input Capacitance
CIN
-
---
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
---
5
7.5
-
-
-
pF
NOTES:
1. Typical values are for TA = 25
oC and nominal V
DD.
2. IOL = IOH = 1µA
3. Operating current is measured at 2MHz in an CDP1802 system with open outputs and a program of 6N55, 6NAA, 6N55, 6NAA,....
Dynamic Electrical Specifications
At TA = -40
oC to +85oC, V
DD = ±5%, tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD, CL = 100pF,
and 1 TTL Load
PARAMETER
VDD
(V)
LIMITS
UNITS
MIN
(NOTE 1)
TYP
MAX
MODE 0 - INPUT PORT (See Figure 4)
Minimum Select Pulse Width
tSW
5
-
180
360
ns
10
-
90
180
ns
Minimum Write Pulse Width
tWW
5
-
90
180
ns
10
-
45
90
ns
Minimum Clear Pulse Width
tCLR
5
-
80
160
ns
10
-
40
80
ns
Static Electrical Specifications At T
A = -40
oC to +85oC, Unless Otherwise Specified (Continued)
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1852
CDP1852C
MIN
(NOTE1)
TYP
MAX
MIN
(NOTE1)
TYP
MAX
CDP1852, CDP1852C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com