Electronic Components Datasheet Search
  English  ▼

X  

CDP1851CD Datasheet(PDF) 12 Page - Intersil Corporation

Part # CDP1851CD
Description  CMOS Programmable I/O Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1851CD Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CDP1851CD Datasheet HTML 6Page - Intersil Corporation CDP1851CD Datasheet HTML 7Page - Intersil Corporation CDP1851CD Datasheet HTML 8Page - Intersil Corporation CDP1851CD Datasheet HTML 9Page - Intersil Corporation CDP1851CD Datasheet HTML 10Page - Intersil Corporation CDP1851CD Datasheet HTML 11Page - Intersil Corporation CDP1851CD Datasheet HTML 12Page - Intersil Corporation CDP1851CD Datasheet HTML 13Page - Intersil Corporation CDP1851CD Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
4-16
Dynamic Electrical Specifications
At TA = -40
oC to +85oC, V
DD ±5%, tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD, CL = 100pF
PARAMETERS
VDD
(V)
LIMITS
UNITS
CDP1851
CDP1851C
MIN
(NOTE 1)
TYP
(NOTE 2)
MAX
MIN
(NOTE 1)
TYP
(NOTE 2)
MAX
OUTPUT MODE SEE FIGURES 4 AND 6
Minimum Setup Times:
Chip Select to CLOCK
tCSCL
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
RD/WE to CLOCK
tRWCL
5
-
75
120
-
75
120
ns
10
-
40
60
-
-
-
ns
WR/RE to CLOCK
tWRCL
5
-
75
120
-
75
120
ns
10
-
40
60
-
-
-
ns
Address to WRITE (Note 3)
tAW
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
Data Bus to WRITE (Note 3)
tDW
5
-
80
120
-
80
120
ns
10
-
40
60
-
-
-
ns
Minimum Hold Times:
Chip Select After CLOCK
tHCSCL
5
-
75
120
-
75
120
ns
10
-
40
60
-
-
-
ns
Address After WRITE (Note 3)
tHAW
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
Data Bus After WRITE (Note 3)
tHDW
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
Propagation Delay Times:
WRITE to Data Out (Note 3)
tWDO
5
-
225
350
-
225
350
ns
10
-
125
200
-
-
-
ns
WRITE to INT (Note 3)
tWINT
5
-
300
450
-
300
450
ns
10
-
150
225
-
-
-
ns
WRITE to RDY (Note 3)
tWRDY
5
-
350
525
-
350
525
ns
10
-
175
275
-
-
-
ns
STROBE to lNT
tSTlNT
5
-
200
300
-
200
300
ns
10
-
100
150
-
-
-
ns
STROBE to RDY
tSTRDY
5
-
260
400
-
260
400
ns
10
-
130
200
-
-
-
ns
CDP1851, CDP1851C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com