Electronic Components Datasheet Search
  English  ▼

X  

CDP1855 Datasheet(PDF) 12 Page - Intersil Corporation

Part # CDP1855
Description  8-Bit Programmable Multiply/Divide Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CDP1855 Datasheet HTML 7Page - Intersil Corporation CDP1855 Datasheet HTML 8Page - Intersil Corporation CDP1855 Datasheet HTML 9Page - Intersil Corporation CDP1855 Datasheet HTML 10Page - Intersil Corporation CDP1855 Datasheet HTML 11Page - Intersil Corporation CDP1855 Datasheet HTML 12Page - Intersil Corporation CDP1855 Datasheet HTML 13Page - Intersil Corporation CDP1855 Datasheet HTML 14Page - Intersil Corporation CDP1855 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
4-58
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD ±5%, tR, tF = 20ns, VIH = 0.7VDD, VIL = 0.3VDD,
CL = 100pF (See Figure 7)
(NOTE 1)
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1855
CDP1855C
MIN
(NOTE 2)
TYP
MAX
MIN
(NOTE 2)
TYP
MAX
OPERATION TIMING
Maximum Clock Frequency
(Note 3)
5
3.2
4
-
3.2
4
-
MHz
10
6.4
8
-
-
-
-
MHz
Maximum Shift Frequency
(1 Device) (Note 4)
5
1.6
2
-
1.6
2
-
MHz
10
3.2
4
-
-
-
-
MHz
Minimum Clock Width
tCLK0
tCLK1
5
-
100
150
-
100
150
ns
10
-
50
75
-
-
-
ns
Minimum Clock Period
tCLK
5
-
250
312
-
250
312
ns
10
-
125
156
-
-
-
ns
Clock to Shift Propagation
Delay
tCSH
5
-
200
300
-
200
300
ns
10
-
100
150
-
-
-
ns
Minimum C.I. to Shift Setup
tSU
5
-
50
67
-
50
67
ns
10
-
25
33
-
-
-
ns
C.O. from Shift Propagation
Delay
tPLH
tPHL
5
-
450
600
-
450
600
ns
10
-
225
300
-
-
-
ns
Minimum C.I. from Shift Hold
tH
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
Minimum Register Input
Setup
tSU
5
-
-20
10
-
-20
10
ns
10
-
-10
10
-
-
-
ns
Register after Shift Delay
tPLH
tPHL
5
-
400
600
-
400
600
ns
10
-
200
300
-
-
-
ns
Minimum Register after Shift
Hold
tH
5
-
50
100
-
50
100
ns
10
-
25
50
-
-
-
ns
C.O. from C.I. Propagation
Delay
tPLH
tPHL
5
-
100
150
-
100
150
ns
10
-
50
75
-
-
-
ns
Register from C.I.
Propagation Delay
tPLH
tPHL
5
-
80
120
-
80
120
ns
10
-
40
60
-
-
-
ns
NOTES:
1. Maximum limits of minimum characteristics are the values above which all devices function.
2. Typical values are for TA = 25
oC and nominal voltages.
3. Clock frequency and pulse width are given for systems using the internal clock option of the CDP1855. Clock frequency equals shift
frequency for systems not using the internal clock option.
4. Shift period for cascading of devices is increased by an amount equal to the C.I. to C.O. Propagation Delay for each device added.
CDP1855, CDP1855C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com