Electronic Components Datasheet Search
  English  ▼

X  

CDP1855CDX Datasheet(PDF) 7 Page - Intersil Corporation

Part # CDP1855CDX
Description  8-Bit Programmable Multiply/Divide Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855CDX Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CDP1855CDX Datasheet HTML 3Page - Intersil Corporation CDP1855CDX Datasheet HTML 4Page - Intersil Corporation CDP1855CDX Datasheet HTML 5Page - Intersil Corporation CDP1855CDX Datasheet HTML 6Page - Intersil Corporation CDP1855CDX Datasheet HTML 7Page - Intersil Corporation CDP1855CDX Datasheet HTML 8Page - Intersil Corporation CDP1855CDX Datasheet HTML 9Page - Intersil Corporation CDP1855CDX Datasheet HTML 10Page - Intersil Corporation CDP1855CDX Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
4-53
CONTROL REGISTER BIT ASSIGNMENT TABLE
BUS 7
BUS 6
BUS 5
BUS 4
BUS 3
BUS 2
BUS 1
BUS 0
B1
B0
OPERATION SELECT
REGISTER
RESET
0
0
No Operation
0
1
Multiply
1
0
Divide
1
1
Illegal State
B2 = 1, RESET Z REGISTER
B3 = 1, RESET Y REGISTER
B5
B4
NO. OF MDU’s
1
1
One MDU
1
0
Two MDU’s
0
1
Three MDU’s
0
0
Four MDU’s
NO. OF MDU’s
SHIFT RATE
1
Clock
÷ 2
B6 = 1, RESET SEQUENCE COUNTER
2
Clock
÷ 4
B7 = 1, SELECT SHIFT RATE OPTIONS:
B7 = 0, SHIFT = CLOCK FREQUENCY RATE
3
Clock
÷ 8
4
Clock
÷ 8
STATUS REGISTER
STATUS BYTE
BIT
76543210
OUTPUT
0000000
O.F.
NOTES:
1. O.F. = 1 if overflow (only valid after a divide has been done)
2. Bits 1 - 7 are read as 0 always.
DELAY NEEDED WITH AND WITHOUT PRESCALER
8N + 1 Shifts/Operation at 1 Clock Cycle/Shift
N = Number of MDU’s, S = Shift Rate
NO. OF MDU’s
WITHOUT PRESCALER
WITH PRESCALER
SHIFTS = 8N +1
NEEDED
(NOTE 1)
MACHINE CYCLES
NEEDED
SHIFTS = S (8N +1)
NEEDED
(NOTE 1)
MACHINE CYCLES
NEEDED
SHIFT RATE
1
9
2 (1 NOP)
18
3 (1 NOP)
2
2
17
2 (1 NOP)
68
9 (3 NOPs)
4
3
25
3 (1 NOP)
200
25 (9 NOPs)
8
4
33
4 (2 NOPs)
264
33 (11 NOPs)
8
NOTE:
1. NOP instruction is shown for machine cycles needed (3/NOP). Other instructions may be used.
CDP1855, CDP1855C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com