Electronic Components Datasheet Search
  English  ▼

X  

CDP6872E Datasheet(PDF) 13 Page - Intersil Corporation

Part # CDP6872E
Description  Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP6872E Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CDP6872E Datasheet HTML 7Page - Intersil Corporation CDP6872E Datasheet HTML 8Page - Intersil Corporation CDP6872E Datasheet HTML 9Page - Intersil Corporation CDP6872E Datasheet HTML 10Page - Intersil Corporation CDP6872E Datasheet HTML 11Page - Intersil Corporation CDP6872E Datasheet HTML 12Page - Intersil Corporation CDP6872E Datasheet HTML 13Page - Intersil Corporation CDP6872E Datasheet HTML 14Page - Intersil Corporation CDP6872E Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
CDP6872
FIGURE 35. TRANSCONDUCTANCE vs FREQUENCY
FIGURE 36. TRANSCONDUCTANCE vs FREQUENCY
FIGURE 37. TRANSCONDUCTANCE vs FREQUENCY
FIGURE 38. TRANSCONDUCTANCE vs FREQUENCY
FIGURE 39. DUTY CYCLE vs RS at 32kHz
NOTE: Figure 39 (Duty Cycle vs RS at 32kHz) should only be used for 32kHz crystals. RS may be used at other frequencies to adjust Duty
Cycle but experimentation will be required to find an appropriate value. The RS value will be proportional to the effective series resis-
tance of the crystal being used.
Typical Performance Curves (Continued)
580
540
500
460
420
380
340
300
260
10K
100K
1M
10M
140
150
160
170
180
FREQUENCY (Hz)
VDD = 5V, VSS = GND
436.5
µA/V
23
1000pF
1
µF
CDP6872
100
Ω
50
Ω
178o
620
F1 = 0, F2 = 0
460
420
380
340
300
260
10K
100K
1M
10M
140
150
160
170
180
FREQUENCY (Hz)
130
VDD = 5V, VSS = GND
311.6
µA/V
23
1000pF
1
µF
CDP6872
100
Ω
50
Ω
500
177o
F1 = 0, F2 = 1
220
200
180
160
140
120
100
10K
100K
1M
10M
140
150
160
170
180
FREQUENCY (Hz)
130
240
VDD = 5V, VSS = GND
156.7
µA/V
176.6o
23
1000pF
1
µF
CDP6872
100
Ω
50
Ω
F1 = 1, F2 = 0
15
10
5
0
10K
100K
1M
140
150
160
170
180
FREQUENCY (Hz)
130
120
110
20
VDD = 5V, VSS = GND
6.56
µA/V
23
1000pF
1
µF
CDP6872
100
Ω
50
Ω
166o
F1 = 1, F2 = 1
0
20
40
60
80
100
120
35
40
45
50
55
60
F1 = F2 = 1, VDD = 5V, CL = 18pF, TA = 25
oC, F
OSC = 32.768kHz
RS (kΩ)
NDK PART #
MX-38
EPSON PART #
C-001R32.768K-A
CDP6872
XTAL
2
OSC IN
3
OSC OUT
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com