Electronic Components Datasheet Search
  English  ▼

X  

UPB1005GS Datasheet(PDF) 6 Page - NEC

Part # UPB1005GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1005GS Datasheet(HTML) 6 Page - NEC

  UPB1005GS Datasheet HTML 1Page - NEC UPB1005GS Datasheet HTML 2Page - NEC UPB1005GS Datasheet HTML 3Page - NEC UPB1005GS Datasheet HTML 4Page - NEC UPB1005GS Datasheet HTML 5Page - NEC UPB1005GS Datasheet HTML 6Page - NEC UPB1005GS Datasheet HTML 7Page - NEC UPB1005GS Datasheet HTML 8Page - NEC UPB1005GS Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet P13860EJ3V0DS00
6
µµµµPB1005GS
STANDARD CHARACTERISTICS (Unless otherwise specified TA = +25
°°°°C, VCC = 3.0 V)
Parameter
Symbol
Conditions
Reference
Unit
RF Down-converter Block (P1stLOin =
−10 dBm, ZL = ZS = 50 Ω)
LO Leakage to IF Pin
LOif
f1stLOin = 1636.80 MHz
−30
dBm
LO Leakage to RF Pin
LOrf
f1stLOin = 1636.80 MHz
−30
dBm
Input 3rd Order Intercept
Point
IIP3RF
fRFin1 = 1600 MHz, fRFin2 = 1605 MHz
f1stLOin = 1660 MHz
−13
dBm
IF Down-converter Block (1stLO oscillating, ZS = 50
Ω, ZL = 2 kΩ)
LO Leakage to 2nd IF Pin
LO2ndif
f2ndLOin = 65.472 MHz
−20
dBm
LO Leakage to 1st IF Pin
LO1stif
f2ndLOin = 65.472 MHz
−40
dBm
Input 3rd Order Intercept
Point
IIP3IF
f1stIFin1 = 61.38 MHz, f1stIFIn2 = 61.48 MHz
f2ndLOin = 65.472 MHz
−34
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com