Electronic Components Datasheet Search
  English  ▼

X  

FMMT720 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT720
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT720 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT720_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT720_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
FMMT720 (KMMT720)
■
Typical Characterisitics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-40
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IB=0
-40
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -35 V , IE=0
-100
Collector- emittercut-off current
ICES
VCE= -35 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-100
IC=-100 mA, IB=-10mA
-45
IC=-1 A, IB=-50mA
-220
IC=-1.5 A, IB=-100mA
-330
Base - emitter saturation voltage (Note.1)
VBE(sat) IC= -1.5 A, IB=- 75mA
-1
Base - emitter voltage
(Note.1)
VBE(on) VCE= -2V, IC= -1.5A
-1
hFE(1)
VCE= -2V, IC= -10mA
200
hFE(2)
VCE=- 2V, IC= -100mA
200
600
hFE(3)
VCE=- 2V, IC= -1 A
150
hFE(4)
VCE=- 2V, IC= -1.5 A
100
hFE(5)
VCE=- 2V, IC= -3 A
20
Turn-on Time
ton
40
Turn-off Time
toff
435
Collector output capacitance
Cob
VCB= -10V, f=1MHz
pF
Transition frequency
fT
VCE= -10V, IC= -50mA,f=100 MHz 150
MHz
VCC=-15V, IC=-0.75A, IB1=
IB2=-15mA
ns
V
nA
Collector-emitter saturation voltage (Note.1)
VCE(sat)
mV
V
DC current gain
(Note.1)
Note.1: Pulse width =300μs. Duty cycle≤2%.
25
■
Classification of hfe(2)
Type
FMMT720-L
FMMT720-H
Range
200-350
300-600
Marking
720
720.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com