Electronic Components Datasheet Search
  English  ▼

X  

DG526 Datasheet(PDF) 8 Page - Intersil Corporation

Part # DG526
Description  Analog CMOS Latchable Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG526 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button DG526 Datasheet HTML 4Page - Intersil Corporation DG526 Datasheet HTML 5Page - Intersil Corporation DG526 Datasheet HTML 6Page - Intersil Corporation DG526 Datasheet HTML 7Page - Intersil Corporation DG526 Datasheet HTML 8Page - Intersil Corporation DG526 Datasheet HTML 9Page - Intersil Corporation DG526 Datasheet HTML 10Page - Intersil Corporation DG526 Datasheet HTML 11Page - Intersil Corporation DG526 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
12-8
Minimum Input Timing Requirements Over Full Temperature Range
PARAMETER
MEASURED TERMINAL
MIN
UNITS
WRITE Pulse Width, tWW
WR, See Figure 1
300
ns
A, EN Data Valid After WRITE (Stabilization Time), tDW A0, A1, (A2), EN, WR; See Figure 1
180
ns
A, EN Data Valid After WRITE (Hold Time), tWD
A0, A1, (A2), EN, WR; See Figure 1
30
ns
RESET Pulse Width, tRS
RS, (Note 6), VS = 5V, See Figure 2
500
ns
NOTES:
1. Signals on VS, VD or VIN exceeding V+ or V- will be clamped by internal diodes. Limit diode forward current to maximum current ratings.
2. Typical values are for design aid only, not guaranteed and not subject to production testing.
3. The algebraic convention whereby the most negative value is a minimum, and most positive value is a maximum, is used in this datasheet.
4.
, where VS = input to OFF switch, and VD = output due to VS.
5. ID(ON) is leakage from driver into “ON” switch.
6. Period of Reset (RS) pulse must be at least 50
µs during or after power ON.
7. Parameter not tested. Parameter guaranteed by design or characterization.
Test Circuits and Waveforms
FIGURE 1. WR TIMING WAVEFORMS
FIGURE 2. RS TIMING WAVEFORMS
FIGURE 3A. tTRANSITION SWITCHING TIME TEST CIRCUIT
† Similar connections for DG526
FIGURE 3B. tTRANSITION SWITCHING TIME TEST CIRCUIT
† Similar connections for DG527
OFF Isolation
20
V
S
V
D
----------
=
3V
0
WR
A0, A1, (A2)
3V
0
1.5V
tWW
tDW
tWD
2.0V
0.8V
EN
3V
0
RS
VO
0V
SWITCH
OUTPUT
1.5V
tRS
tOFF(RS)
0.8VO
EN
RS
A0
S2 THRU S7
A1
A2
LOGIC
INPUT
50
Ω
+2.4V
SWITCH
OUTPUT
35pF
1M
Ω
+15V
-15V
+10V
±10V
GND
WR
V-
DG528
†
S1
S8
D
V+
VD
EN
RS
S2A THRU S4A ,
A0
A1
LOGIC
INPUT
50
Ω
+2.4V
SWITCH
OUTPUT
35pF
1M
Ω
+15V
-15V
+10V
±10V
GND
WR
V-
DG529
†
S1B
S4B
DB
V+
DA
S2B, AND S3B
VDB
DG526, DG527, DG528, DG529



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com