Electronic Components Datasheet Search
  English  ▼

X  

UPC2756T Datasheet(PDF) 2 Page - NEC

Part # UPC2756T
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2756T Datasheet(HTML) 2 Page - NEC

  UPC2756T Datasheet HTML 1Page - NEC UPC2756T Datasheet HTML 2Page - NEC UPC2756T Datasheet HTML 3Page - NEC UPC2756T Datasheet HTML 4Page - NEC UPC2756T Datasheet HTML 5Page - NEC UPC2756T Datasheet HTML 6Page - NEC UPC2756T Datasheet HTML 7Page - NEC UPC2756T Datasheet HTML 8Page - NEC UPC2756T Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet P13860EJ3V0DS00
2
µµµµPB1005GS
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
IF-MIXin
GND (IF-MIX)
RF-MIXout
VCC (RF-MIX)
RF-MIXin
GND (RF-MIX)
VCC (1stLO-OSC)
1stLO-OSC1
1stLO-OSC2
GND (1stLO-OSC)
VCC (phase detector)
PD-Vout3
PD-Vout2
PD-Vout1
GND (phase detector)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
VCC (IF-MIX)
VGC (IF-MIX)
IF-MIXout
GND (2ndIF-AMP)
2ndlFin1
2ndlFin2
2ndlFbypass
VCC (2ndIF-AMP)
2ndIFout
REFout
VCC (reference block)
REFin
GND (divider block)
LOout
VCC (divider block)
PD
÷2
÷8
÷25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com