Electronic Components Datasheet Search
  English  ▼

X  

DG528 Datasheet(PDF) 13 Page - Intersil Corporation

Part # DG528
Description  Analog CMOS Latchable Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG528 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button DG528 Datasheet HTML 8Page - Intersil Corporation DG528 Datasheet HTML 9Page - Intersil Corporation DG528 Datasheet HTML 10Page - Intersil Corporation DG528 Datasheet HTML 11Page - Intersil Corporation DG528 Datasheet HTML 12Page - Intersil Corporation DG528 Datasheet HTML 13Page - Intersil Corporation DG528 Datasheet HTML 14Page - Intersil Corporation DG528 Datasheet HTML 15Page - Intersil Corporation DG528 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
12-13
Die Characteristics
DIE DIMENSIONS:
3810
µm x 2769µm
METALLIZATION:
Type: Al
Thickness: 10k
Å
±1kÅ
PASSIVATION:
Type: PSG Over Nitride
PSG Thickness: 7k
Å
±1.4kÅ
Nitride Thickness: 8k
Å
±1.2kÅ
WORST CASE CURRENT DENSITY:
9.1 x 104 A/cm2
Metallization Mask Layout
DG526
PIN 12
GND
PIN 13
WR
PIN 14
A3
PIN 15
A2
PIN 16
A1
PIN 17
A0
PIN18
EN
PIN 3
RS
PIN 2
NC
PIN 1
V+
PIN 28
D
PIN 27
V-
PIN 4
S16
PIN 5
S15
PIN 6
S14
PIN 7
S13
PIN 8
S12
PIN 9
S11
PIN 10
S10
PIN 11
S9
PIN 19
S1
PIN 20
S2
PIN 21
S3
PIN 22
S4
PIN 23
S5
PIN 24
S6
PIN 25
S7
PIN 26
S8
DG526, DG527, DG528, DG529



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com