Electronic Components Datasheet Search
  English  ▼

X  

UPC2756T Datasheet(PDF) 1 Page - NEC

Part # UPC2756T
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2756T Datasheet(HTML) 1 Page - NEC

  UPC2756T Datasheet HTML 1Page - NEC UPC2756T Datasheet HTML 2Page - NEC UPC2756T Datasheet HTML 3Page - NEC UPC2756T Datasheet HTML 4Page - NEC UPC2756T Datasheet HTML 5Page - NEC UPC2756T Datasheet HTML 6Page - NEC UPC2756T Datasheet HTML 7Page - NEC UPC2756T Datasheet HTML 8Page - NEC UPC2756T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG + DIGITAL INTEGRATED CIRCUIT
µµµµPB1005K
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz
RF/IF FREQUENCY DOWN-CONVERTER +
PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
Document No. P14016EJ1V0DS00 (1st edition)
Date Published November 1999 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
©
1999
DESCRIPTION
The
µPB1005K is a silicon monolithic integrated circuit for GPS receiver. This IC is designed as double
conversion RF block integrated RF/IF down-converter + PLL frequency synthesizer on 1 chip.
The
µPB1005K features 36-pin plastic QFN, fixed prescaler and supply voltage. The 36-pin plastic QFN package
is suitable for high density surface mounting. The fixed division internal prescaler is needless to input serial counter
data.
Supply voltage is 3 V.
Thus, the
µPB1005K can make RF block fewer components and lower power
consumption.
This IC is manufactured using NEC’s 20 GHz fT NESAT
TMIII silicon bipolar process. This process uses direct
silicon nitride passivation film and gold electrodes. These materials can protect the chip surface from pollution and
prevent corrosion/migration. Thus, this IC realizes excellent performance, uniformity and reliability.
FEATURES
• Double conversion
: fREFin = 16.368 MHz, f2ndIFout = 4.092 MHz
• Integrated RF block
: RF/IF frequency down-converter + PLL frequency synthesizer
• High-density surface mountable : 36-pin plastic QFN (6.0
× 6.0 × 0.95 mm)
• Needless to input counter data : fixed division internal prescaler
• VCO side division
:
÷ 200 (÷ 25, ÷ 8 serial prescaler)
• Reference division
:
÷ 2
• Supply voltage
: VCC = 2.7 to 3.3 V
• Low current consumption
: ICC = 45.0 mA TYP.@VCC = 3.0 V
• Gain adjustable externally
: Gain control voltage pin (control voltage up vs. gain down)
APPLICATION
• Consumer use GPS receiver of reference frequency 16.368 MHz, 2nd IF frequency 4.092 MHz
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPB1005K-E1
36-pin plastic QFN
Embossed tape 12 mm wide.
Pin 1 is in pull-out direction.
Qty 2.5 kp/reel.
Remark
To order evaluation samples, please contact your local NEC sales office. (Part number for sample
order:
µPB1005K)
Caution Electro-static sensitive device


Similar Part No. - UPC2756T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2756T NEC-UPC2756T Datasheet
164Kb / 9P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
UPC2756TB NEC-UPC2756TB Datasheet
164Kb / 9P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
UPC2756TB NEC-UPC2756TB Datasheet
147Kb / 16P
MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER
logo
California Eastern Labs
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
logo
Renesas Technology Corp
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC2756T

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1005GS NEC-UPB1005GS Datasheet
164Kb / 9P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
fujitsu semiconductor
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
Analog Devices
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com