Electronic Components Datasheet Search
  English  ▼

X  

DG188AP/883B Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG188AP/883B
Description  High-Speed Drivers with JFET Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG188AP/883B Datasheet(HTML) 6 Page - Intersil Corporation

  DG188AP/883B Datasheet HTML 1Page - Intersil Corporation DG188AP/883B Datasheet HTML 2Page - Intersil Corporation DG188AP/883B Datasheet HTML 3Page - Intersil Corporation DG188AP/883B Datasheet HTML 4Page - Intersil Corporation DG188AP/883B Datasheet HTML 5Page - Intersil Corporation DG188AP/883B Datasheet HTML 6Page - Intersil Corporation DG188AP/883B Datasheet HTML 7Page - Intersil Corporation DG188AP/883B Datasheet HTML 8Page - Intersil Corporation DG188AP/883B Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
DG181 Series
DUAL SPST - DG181/182
TEST CONDITIONS
VIN “ON” = 0.8V
All Channels
VIN “OFF” = 2.0V
All Channels
NOTE:
1. Switch states are for logic “1” input = 2.0V.
SPDT - DG187/188
TEST CONDITIONS
VIN “ON” = 2.0V
Channel 1
VIN “ON” = 0.8V
Channel 2
VIN “OFF” = 2.0V
Channel 2
VIN “OFF” = 0.8V
Channel 1
NOTE:
1. Switch states are for logic “1” input = 2.0V.
DUAL DPST - DG184/185
TEST CONDITIONS
VIN “ON” = 2.0V
All Channels
VIN “OFF” = 0.8V
All Channels
NOTE:
1. Switch states are for logic “1” input = 2.0V.
SPDT - DG190/191
TEST CONDITIONS
VIN “ON” = 2.0V
Channel 1 and 2
VIN “ON” = 0.8V
Channel 3 and 4
VIN “OFF” = 2.0V
Channel 3 and 4
VIN “OFF” = 0.8V
Channel 1 and 2
NOTE:
1. Switch states are for logic “1” input = 2.0V.
NOTES:
1. Switch output waveform shown for VS = constant with logic input waveform as shown.
2. VS may be + or - as per switching time test circuit. VO is the steady state output with switch on. Feedthrough via gate capacitance may
result in spikes at leading and trailing edge of output waveform.
Switching Time Test Circuits
FIGURE 1. SWITCHING TIME TEST WAVEFORMS (Note 1)
FIGURE 2. SWITCHING TIME TEST CIRCUIT (Note 2)
50%
90%
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
VS
tON
tR < 10ns
tF < 10ns
90%
SWITCH
INPUT
3V
50%
0V
VO
S1
IN1
LOGIC
INPUT
GND
tON, VS = +10V
RL
1
k
Ω
CL
30
pF
SWITCH
OUTPUT
+15V
VCC
-15V
V-
SWITCH
INPUT
0V
(REPEAT TEST FOR
ALL CHANNELS)
VO = VS
RL
RL + RDS(ON)
D1
+5V
VL
tOFF, VS = -10V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com