Electronic Components Datasheet Search
  English  ▼

X  

CS48N80 Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # CS48N80
Description  70V,87A N-Channel Trench Process Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

CS48N80 Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  CS48N80 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. CS48N80 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. CS48N80 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. CS48N80 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. CS48N80 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Table 2.
Thermal Characteristic
Symbol
Parameter
Value
Unit
RJC
Thermal Resistance,Junction-to-Case
1.35
/W
℃
Table 3.
Electrical Characteristics (TA=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
On/Off States
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250μA
70
V
IDSS
Zero Gate Voltage Drain Current(Tc=25℃)
VDS=68V,VGS=0V
1
μA
IDSS
Zero Gate Voltage Drain Current(Tc=125℃)
VDS=68V,VGS=0V
10
μA
IGSS
Gate-Body Leakage Current
VGS=±25V,VDS=0V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=250μA
2
4
V
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=40A
5.5
5.8
mΩ
Dynamic Characteristics
gFS
Forward Transconductance
VDS=10V,ID=40A
28
S
Ciss
Input Capacitance
3200
pF
Coss
Output Capacitance
350
pF
Crss
Reverse Transfer Capacitance
VDS=25V,VGS=0V,
f=1.0MHz
320
pF
Qg
Total Gate Charge
76.1
nC
Qgs
Gate-Source Charge
14.9
nC
Qgd
Gate-Drain Charge
VDS=50V,ID=40A,
VGS=10V
31.6
nC
Switching Times
td(on)
Turn-on Delay Time
12
nS
tr
Turn-on Rise Time
14
nS
td(off)
Turn-Off Delay Time
25
nS
tf
Turn-Off Fall Time
VDD=30V,ID=2A,RL=15Ω
VGS=10V,RG=2.5Ω
30
nS
Source-Drain Diode Characteristics
ISD
Source-Drain Current(Body Diode)
87
A
ISDM
Pulsed Source-Drain Current(Body Diode)
348
A
VSD
Forward on Voltage
(Note 1)
TJ=25℃,ISD=40A,VGS=0V
0.8
0.95
V
trr
Reverse Recovery Time
(Note 1)
45
nS
Qrr
Reverse Recovery Charge
(Note 1)
TJ=25℃,IF=75A
di/dt=100A/μs
90
nC
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible(turn-on is dominated by LS+LD)
Notes 1.Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 1.5%, RG=25Ω, Starting TJ=25℃
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/5
Rev.05
®
CS48N80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com