Electronic Components Datasheet Search
  English  ▼

X  

FRL430R Datasheet(PDF) 1 Page - Intersil Corporation

Part # FRL430R
Description  2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRL430R Datasheet(HTML) 1 Page - Intersil Corporation

  FRL430R Datasheet HTML 1Page - Intersil Corporation FRL430R Datasheet HTML 2Page - Intersil Corporation FRL430R Datasheet HTML 3Page - Intersil Corporation FRL430R Datasheet HTML 4Page - Intersil Corporation FRL430R Datasheet HTML 5Page - Intersil Corporation FRL430R Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
FRL430D, FRL430R,
FRL430H
2A, 500V, 2.50 Ohm, Rad Hard,
N-Channel Power MOSFETs
File Number
3234.1
Package
TO-205AF
Symbol
Features
• 2A, 500V, RDS(on) = 2.50
Ω
• Second Generation Rad Hard MOSFET Results From New Design Concepts
• Gamma
- Meets Pre-Rad Specifications to 100KRAD(Si)
- Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)
- Performance Permits Limited Use to 3000KRAD(Si)
• Gamma Dot
- Survives 3E9RAD(Si)/sec at 80% BVDSS Typically
- Survives 2E12 Typically If Current Limited to IDM
• Photo Current
- 8.0nA Per-RAD(Si)/sec Typically
• Neutron
- Pre-RAD Specifications for 3E12 Neutrons/cm2
- Usable to 3E13 Neutrons/cm2
Description
The Intersil Corporation has designed a series of SECOND GENERATION hard-
ened power MOSFETs of both N and P channel enhancement types with ratings
from 100V to 500V, 1A to 60A, and on resistance as low as 25m
Ω. Total dose
hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness
ranging from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose
rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and
2E12 with current limiting.
This MOSFET is an enhancement-mode silicon-gate power field effect transistor of
the vertical DMOS (VDMOS) structure. It is specially designed and processed to
exhibit minimal characteristic changes to total dose (GAMMA) and neutron (no)
exposures. Design and processing efforts are also directed to enhance survival to
heavy ion (SEE) and/or dose rate (GAMMA DOT) exposure.
This part may be supplied as a die or in various packages other than shown above.
Reliability screening is available as either non TX (commercial), TX equivalent of
MIL-S-19500, TXV equivalent of MIL-S-19500, or space equivalent of
MIL-S-19500. Contact the Intersil High-Reliability Marketing group for any desired
deviations from the data sheet.
Absolute Maximum Ratings (TC = +25oC) Unless Otherwise Specified
FRL430D, R, H
UNITS
Drain-Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
500
V
Drain-Gate Voltage (RGS = 20k
Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
500
V
Continuous Drain Current
TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
2
1
A
A
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
6
A
Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation
TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
Derated Above +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
25
10
0.20
W
W
W/oC
Inductive Current, Clamped, L = 100
µH, (See Test Figure). . . . . . . . . . . . . . . . . . . . . . . . . . ILM
6
A
Continuous Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IS
2
A
Pulsed Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ISM
6
A
Operating And Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJC, TSTG
-55 to +150
oC
Lead Temperature (During Soldering)
Distance > 0.063 in. (1.6mm) From Case, 10s Max. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
300
oC
June 1998


Similar Part No. - FRL430R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
680Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01AY-01A FUJITSU-FRL-274ND009/01AY-01A Datasheet
680Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01AY-A FUJITSU-FRL-274ND009/01AY-A Datasheet
680Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01CY-01A FUJITSU-FRL-274ND009/01CY-01A Datasheet
680Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FRL430R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE460D INTERSIL-FRE460D Datasheet
48Kb / 6P
12A, 500V, 0.410 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF450D INTERSIL-FRF450D Datasheet
48Kb / 6P
9A, 500V, 0.615 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK460D INTERSIL-FRK460D Datasheet
47Kb / 6P
17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM430D INTERSIL-FRM430D Datasheet
48Kb / 6P
3A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM440D INTERSIL-FRM440D Datasheet
47Kb / 6P
6A, 500V, 1.40 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM450D INTERSIL-FRM450D Datasheet
47Kb / 6P
10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS430D INTERSIL-FRS430D Datasheet
49Kb / 6P
3A, 500V, 2.52 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS440D INTERSIL-FRS440D Datasheet
48Kb / 6P
5A, 500V, 1.420 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSL430D INTERSIL-FSL430D Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7398 INTERSIL-JANSR2N7398 Datasheet
45Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com