Electronic Components Datasheet Search
  English  ▼

X  

UPB1003GS Datasheet(PDF) 8 Page - NEC

Part # UPB1003GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1003GS Datasheet(HTML) 8 Page - NEC

  UPB1003GS Datasheet HTML 1Page - NEC UPB1003GS Datasheet HTML 2Page - NEC UPB1003GS Datasheet HTML 3Page - NEC UPB1003GS Datasheet HTML 4Page - NEC UPB1003GS Datasheet HTML 5Page - NEC UPB1003GS Datasheet HTML 6Page - NEC UPB1003GS Datasheet HTML 7Page - NEC UPB1003GS Datasheet HTML 8Page - NEC UPB1003GS Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet P13860EJ3V0DS00
8
µµµµPB1005GS
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Function and Application
Internal Equivalent Circuit
16
VCC
(divider block)
2.7 to 3.3
Supply voltage pin of
prescalers.
17
LOout
2.08
Monitor pin of comparison
frequency at phase detector.
18
GND
(divider block)
0
Ground pin of prescalers +
LOout amplifier
16
18
1st
LO
OSC
÷25
÷8
IF
MIX
PD
PD
÷2
Ref.
17
19
REFin
1.96
Input pin of reference frequency.
This pin should be equipped
with external 16.368 MHz
oscillator (e.g. TCXO).
20
VCC
(reference
block)
2.7 to 3.3
Supply voltage pin of
input/output amplifiers in
reference block.
21
REFout
1.65
Output pin of reference
frequency. The frequency from
pin 19 can be took out as 1 VP-P
swing.
20
19
18
21
PD
22
2ndIFout
1.56
Output pin of 2nd IF amplifier.
This pin output 4.092 MHz
clipped sinewave.
This pin should be equipped
with external inverter to adjust
level to next stage on user’s
system.
23
VCC
(2ndIF-AMP)
2.7 to 3.3
Supply voltage pin of 2nd IF
amplifier.
24
2ndIF bypass
2.30
Bypass pin of 2nd IF amplifier
input 1. This pin should be
grounded through capacitor.
25
2ndIFin2
2.35
Pin of 2nd IF amplifier input 2.
This pin should be grounded
through capacitor.
26
2ndIFin1
2.35
Pin of 2nd IF amplifier input 1.
2nd IF filter can be inserted
between pin 26 & 28.
27
GND
(2ndIF-AMP)
0
Ground pin of 2nd IF amplifier.
22
23
24
26
25
27



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com