Electronic Components Datasheet Search
  English  ▼

X  

IDT7204S120TPB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7204S120TPB
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7204S120TPB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7204S120TPB Datasheet HTML 1Page - Integrated Device Technology IDT7204S120TPB Datasheet HTML 2Page - Integrated Device Technology IDT7204S120TPB Datasheet HTML 3Page - Integrated Device Technology IDT7204S120TPB Datasheet HTML 4Page - Integrated Device Technology IDT7204S120TPB Datasheet HTML 5Page - Integrated Device Technology IDT7204S120TPB Datasheet HTML 6Page - Integrated Device Technology IDT7204S120TPB Datasheet HTML 7Page - Integrated Device Technology IDT7204S120TPB Datasheet HTML 8Page - Integrated Device Technology IDT7204S120TPB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
5.04
2
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
Terminal
–0.5 to + 7.0
–0.5 to +7.0
V
Voltage with
Respect to
GND
TA
Operating
0 to +70
–55 to +125
° C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
° C
Under Bias
TSTG
Storage
–55 to + 125
–65 to +155
° C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTE:
2661 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCCM
Military Supply
4.5
5.0
5.5
V
Voltage
VCCC
Commercial Supply
4.5
5.0
5.5
V
Voltage
GND
Supply Voltage
0
0
0
V
VIH(1)
Input High Voltage
2.0
V
Commercial
VIH(1)
Input High Voltage
2.2
V
Military
VIL(1)
Input Low Voltage
0.8
V
Commercial and
Military
NOTE:
2661 tbl 02
1. 1.5V undershoots are allowed for 10ns once per cycle.
5
6
7
8
9
10
11
12
13
FF
D2
D1
D0
XI
Q0
Q1
GND
Q2
1
2
3
4
14
Q 3
28
27
26
25
24
23
22
21
EF
XO/HF
Vcc
FL/RT
RS
20
19
18
17
16
15
D3
D 8
W
Q8
D6
D5
D4
D7
Q5
Q6
Q7
Q4
R
P28-1
P28-2
D28-1
D28-3
SO28-3
2661 drw 02a
DIP
TOP VIEW
NOTES:
1. The THINDIPs P28-2 and D28-3 are only available for the 7203/7204/
7205.
2. The small outline package SO28-3 is only available for the 7204.
3. Consult factory for CERPACK pinout.
PLCC/LCC
TOP VIEW
5
6
7
8
9
10
11
12
13
J32-1
&
L32-1
FF
D2
D1
D0
XI
Q0
Q1
29
28
27
26
25
24
23
22
21
EF
XO/HF
D 6
D 7
NC
FL/RT
RS
Q 7
Q6
INDEX
NC
Q2
2661 drw 02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com