Electronic Components Datasheet Search
  English  ▼

X  

M9130 Datasheet(PDF) 2 Page - Intersil Corporation

Part # M9130
Description  6A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

M9130 Datasheet(HTML) 2 Page - Intersil Corporation

  M9130 Datasheet HTML 1Page - Intersil Corporation M9130 Datasheet HTML 2Page - Intersil Corporation M9130 Datasheet HTML 3Page - Intersil Corporation M9130 Datasheet HTML 4Page - Intersil Corporation M9130 Datasheet HTML 5Page - Intersil Corporation M9130 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-2
Pre-Radiation Electrical Specifications TC = +25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
MAX
Drain-Source Breakdown Volts
BVDSS
VGS = 0, ID = 1mA
-100
-
V
Gate-Threshold Volts
VGS(th)
VDS = VGS, ID = 1mA
-2.0
-4.0
V
Gate-body Leakage Forward
IGSSF
VGS = -20V
-
100
nA
Gate-Body Leakage Reverse
IGSSR
VGS = +20V
-
100
nA
Zero-Gate Voltage
Drain Current
IDSS1
IDSS2
IDSS3
VDS = -100V, VGS = 0
VDS = -80V, VGS = 0
VDS = -80V, VGS = 0, TC = +125oC
-
-
-
1
0.025
0.25
mA
Rated Avalanche Current
IAR
Time = 20
µs
-
18
A
Drain-Source On-State Volts
VDS(on)
VGS = -10V, ID = 6A
-
-3.47
V
Drain-source On Resistance
RDS(on)
VGS = -10V, ID = 4A
-
.550
Ω
Turn-On Delay Time
td(on)
VDD = -50V, ID = 6A
-
48
ns
Rise Time
tr
Pulse Width = 3
µs
-
220
Turn-Off Delay Time
td(off)
Period = 300
µs, Rg = 25Ω
-
128
Fall Time
tf
0
≤ VGS ≤ 10 (See Test Circuit)
-
74
Gate-Charge Threshold
QG(th)
VDD = -50V, ID = 6A
IGS1 = IGS2
0
≤ VGS ≤ 20
14
nc
Gate-Charge On State
QG(on)
16
66
Gate-Charge Total
QGM
33
134
Plateau Voltage
VGP
-3
-12
V
Gate-Charge Source
QGS
3
12
nc
Gate-Charge Drain
QGD
7
28
Diode Forward Voltage
VSD
ID = 6A, VGD = 0
-0.6
-1.8
V
Reverse Recovery Time
TT
I = 6A; di/dt = 100A/
µs
-
300
ns
Junction-To-Case
R
θjc
-
1.67
oC/W
Junction-To-Ambient
R
θja
Free Air Operation
-
60
FIGURE 1. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 2. UNCLAMPED ENERGY TEST CIRCUIT
VDD
RL
VDS
DUT
RGS
0V
VGS = -12V
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
Ω
50
Ω
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
FRM9130D, FRM9130R, FRM9130H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com