Electronic Components Datasheet Search
  English  ▼

X  

AD8186 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8186
Description  480 MHz Single-Supply Triple 2 1 Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8186 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8186 Datasheet HTML 5Page - Analog Devices AD8186 Datasheet HTML 6Page - Analog Devices AD8186 Datasheet HTML 7Page - Analog Devices AD8186 Datasheet HTML 8Page - Analog Devices AD8186 Datasheet HTML 9Page - Analog Devices AD8186 Datasheet HTML 10Page - Analog Devices AD8186 Datasheet HTML 11Page - Analog Devices AD8186 Datasheet HTML 12Page - Analog Devices AD8186 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. A
AD8186/AD8187
–9–
TIME (ns)
05
10
15
20
3.30
2.80
2.30
2.80
2.50
2.00
1.80
INPUT
OUTPUT
2.70
2.60
2.40
2.30
2.20
2.10
1.90
25
TPC 25. AD8186 Small Signal Pulse Response,
VOUT = 200 mV p-p, RL = 1 k
Ω
TIME (ns)
05
10
15
20
5.0
4.5
2.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1.5
1.0
0.5
0
–0.5
–1.0
2.5
3.0
INPUT
OUTPUT
25
TPC 26. AD8186 Video Signal Pulse Response,
VOUT = 700 mV p-p, RL = 1 k
Ω
TIME (ns)
05
10
15
20
7.0
6.5
2.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
1.5
1.0
0.5
0
–0.5
–1.0
2.5
3.0
–1.5
–2.0
3.5
4.0
2.5
2.0
1.5
1.0
INPUT
OUTPUT
25
TPC 27. AD8186 Large Signal Pulse Response,
VOUT = 2 V p-p, RL = 1 k
Ω
TIME (ns)
05
10
3.2
3.1
2.5
3.0
2.9
2.8
2.7
2.6
2.4
2.3
2.2
2.1
2.0
2.6
1.9
1.8
2.7
2.8
2.5
2.4
2.3
2.2
INPUT
OUTPUT
15
20
25
TPC 28. AD8187 Small Signal Pulse Response,
VOUT = 200 mV p-p, RL = 150 k
Ω
TIME (ns)
05
10
6.0
5.5
2.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
–0.5
–1.0
3.5
4.0
2.0
1.5
1.0
INPUT
OUTPUT
15
20
5.0
25
TPC 29. AD8187 Video Amplitude Pulse
Response, VOUT = 1.4 V p-p, RL = 150 k
Ω
TIME (ns)
0
6.0
5.5
2.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
–0.5
–1.0
3.5
4.0
2.0
1.5
1.0
INPUT
OUTPUT
5.0
–1.5
0.5
–2.0
0
510
15
20
25
TPC 30. AD8187 Large Signal Pulse Response,
VOUT = 2 V p-p, RL = 150 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com