Electronic Components Datasheet Search
  English  ▼

X  

UPB1004GS Datasheet(PDF) 10 Page - NEC

Part # UPB1004GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1004GS Datasheet(HTML) 10 Page - NEC

Back Button UPB1004GS Datasheet HTML 6Page - NEC UPB1004GS Datasheet HTML 7Page - NEC UPB1004GS Datasheet HTML 8Page - NEC UPB1004GS Datasheet HTML 9Page - NEC UPB1004GS Datasheet HTML 10Page - NEC UPB1004GS Datasheet HTML 11Page - NEC UPB1004GS Datasheet HTML 12Page - NEC UPB1004GS Datasheet HTML 13Page - NEC UPB1004GS Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary Data Sheet P14016EJ1V0DS00
10
µµµµPB1005K
TEST CIRCUIT
PD
123
4
5
6
7
8
9
27
Signal Generator
Signal Generator
Signal Generator
Signal Generator
28
29
30
31
32
33
34
35
36
18
17
16
15
14
13
12
11
10
26
25
24
23
22
21
20
19
C4
C2
C1
C5
C6
C7
C8
R3
R5
Spectrum
Analyzer
Spectrum
Analyzer
Spectrum
Analyzer
Osillo-
scope
Osillo-
scope
R4
R2
L
C9
C10
C11
C12
C13
C14
C15
C16
C18
C17
C19
C20
V-Di
R1
50
Ω
50
Ω
50
Ω
50
Ω
VCC
C3
VCC
VCC
VCC
VCC
VCC
C23
VCC
C22
C21
R6
To get maximum gain.
Apply 1.0V MAX.
÷2
÷8
÷25
Spectrum Analyzer : measure frequency
Oscilloscope : measure output voltage swing
Component List
Form
Symbol
Value
C1 to C5, C8, C11 to C15, C17, C18, C22
1 000 pF
C6, C7
24 pF (UJ)
C9
1800 pF
C10
33 nF
C19
10 000 pF
C23
1
µF
C16, C20
0.1
µF
Chip capacitor
C21
0.01
µF
R1, R2
4.7 k
Ω
R3
6.2 k
Ω
R4
1.2 k
Ω
Chip resistor
R5, R6
1.95 k
Ω
Varactor Diode
V-Di
1SV285
Chip Inductor
L
3.9 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com