Electronic Components Datasheet Search
  English  ▼

X  

AD8196 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8196
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8196 Datasheet HTML 9Page - Analog Devices AD8196 Datasheet HTML 10Page - Analog Devices AD8196 Datasheet HTML 11Page - Analog Devices AD8196 Datasheet HTML 12Page - Analog Devices AD8196 Datasheet HTML 13Page - Analog Devices AD8196 Datasheet HTML 14Page - Analog Devices AD8196 Datasheet HTML 15Page - Analog Devices AD8196 Datasheet HTML 16Page - Analog Devices AD8196 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8196
Rev. 0 | Page 13 of 24
upon reset). If only external terminations are provided (if the
internal terminations are disabled), set the output current level
to 10 mA by programming the TX_OCL bit of the transmitter
settings register. The high speed outputs must be disabled if
there are no output termination resistors present in the system.
The output pre-emphasis can be manually configured to provide
one of four different levels of high frequency boost. The specific
boost level is selected by programming the TX_PE bits of the
transmitter settings register. No specific cable length is suggested
for a particular pre-emphasis setting because cable performance
varies widely between manufacturers.
SWITCHING MODE
The AD8196 behaves like a 2:1 HDMI/DVI link multiplexer by
routing groups of four TMDS input channels to the four channel
output. In this mode, the user selects the group of high speed
source signals (A or B) that is routed to the output by program-
ming the HS_CH bit of the high speeds modes register as
shown in Table 7. The group of low speed auxiliary source
signals (AUX_A or AUX_B) that is routed to the common
output is separately set by programming the AUX_CH bit of
the auxiliary device register as shown in Table 9.
AUXILIARY LINES SWITCHING
The auxiliary (low speed) lines have no amplification. They are
routed using a passive switch that is bandwidth compatible with
standard speed I2C. The schematic equivalent for this passive
connection is shown in Figure 27.
AUX_COM0
AUX_A0
½CAUX
½CAUX
RAUX
Figure 27. Auxiliary Channel Simplified Schematic
Showing AUX_A0 to AUX_COM0 Routing
When turning off the AD8196, care needs to be taken with
the AMUXVCC supply to ensure that the auxiliary multiplexer
pins are in a high impedance state. A scenario that illustrates
this requirement is one where the auxiliary multiplexer is used
to switch the display data channel (DDC) bus. In some applica-
tions, additional devices can be connected to the DDC bus
(such as an EEPROM with EDID information) upstream of the
AD8196. Extended display identification data (EDID) is a VESA
standard-defined data format for conveying display configuration
information to sources to optimize display use. EDID devices
may need to be available via the DDC bus, regardless of the state
of the AD8196 and any downstream circuit. For this configura-
tion, the auxiliary inputs of the powered down AD8196 need to
be in a high impedance state to avoid pulling down on the DDC
lines and preventing these other devices from using the bus.
When the AD8196 is powered from a simple resistor network,
as shown in Figure 28, it uses the 5 V supply that is required
from any HDMI/DVI source to guarantee high impedance of
the auxiliary multiplexer pins. The AMUXVCC supply does not
draw any static current; therefore, it is recommended that the
resistor network tap the 5 V supplies as close to the connectors
as possible to avoid any additional voltage drop.
This precaution does not need to be taken if the DDC peripheral
circuitry is connected to the bus downstream of the AD8196.
PERIPHERAL
CIRCUITRY
PERIPHERAL
CIRCUITRY
10kΩ
10MΩ
AD8196
AMUXVCC
+5V INTERNAL
(IF ANY)
10kΩ
I < 50mA
I < 50mA
PIN 18 HDMI CONNECTOR
PIN 14 DVI CONNECTOR
PIN 18 HDMI CONNECTOR
PIN 14 DVI CONNECTOR
+5V
+5V
SOURCE A
SOURCE B
Figure 28. Suggested AMUXVCC Power Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com