Electronic Components Datasheet Search
  English  ▼

X  

FRS9130D Datasheet(PDF) 4 Page - Intersil Corporation

Part # FRS9130D
Description  6A, -100V, 0.565 Ohm, Rad Hard, P-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRS9130D Datasheet(HTML) 4 Page - Intersil Corporation

  FRS9130D Datasheet HTML 1Page - Intersil Corporation FRS9130D Datasheet HTML 2Page - Intersil Corporation FRS9130D Datasheet HTML 3Page - Intersil Corporation FRS9130D Datasheet HTML 4Page - Intersil Corporation FRS9130D Datasheet HTML 5Page - Intersil Corporation FRS9130D Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-4
Typical Performance Characteristics
FRS9130D, FRS9130R, FRS9130H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com