Electronic Components Datasheet Search
  English  ▼

X  

UPB581C Datasheet(PDF) 2 Page - NEC

Part # UPB581C
Description  3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB581C Datasheet(HTML) 2 Page - NEC

  UPB581C Datasheet HTML 1Page - NEC UPB581C Datasheet HTML 2Page - NEC UPB581C Datasheet HTML 3Page - NEC UPB581C Datasheet HTML 4Page - NEC UPB581C Datasheet HTML 5Page - NEC UPB581C Datasheet HTML 6Page - NEC UPB581C Datasheet HTML 7Page - NEC UPB581C Datasheet HTML 8Page - NEC UPB581C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
µµµµPB1508GV
PIN CONNECTION (Top View)
Pin No.
Pin name
1VCC
2IN
3IN
4
GND
5
GND
6NC
7
OUT
8NC
PRODUCT LINE-UP
Product No.
ICC (mA)
fin (GHz)
VCC (V)
Package
Pin Connection
µPB581A
30
0.5 to 2.8
4.5 to 5.5
8 pins CAN
–
µPB581C
30
0.5 to 2.2
4.5 to 5.5
8 pins DIP (300 mil)
NEC Original
µPB584G
18
0.5 to 2.5
4.5 to 5.5
8 pins SOP (225 mil)
NEC Original
µPB1508GV
12
0.5 to 3.0
4.5 to 5.5
8 pins SSOP (175 mil)
Remarks This table shows the TYP values of main parameters. Please refer to ELECTRICAL
CHARACTERISTICS.
µPB581A, µPB581C and µPB584G are discontinued.
INTERNAL BLOCK DIAGRAM
IN
IN
CLK
CLK
D
Q
Q
OUT
AMP
SYSTEM APPLICATION EXAMPLE
RF unit block of DBS tuners
1stIF input
from DBS converter
MIX
BPF
OSC
LPF
PB1508GV
µ
÷ 2
Prescaler
PLLsynth.
for VHF/UHF
band
SAW
AGC amp.
FM demo.
Baseband output
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com