Electronic Components Datasheet Search
  English  ▼

X  

UPB586G Datasheet(PDF) 13 Page - NEC

Part # UPB586G
Description  3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB586G Datasheet(HTML) 13 Page - NEC

Back Button UPB586G Datasheet HTML 9Page - NEC UPB586G Datasheet HTML 10Page - NEC UPB586G Datasheet HTML 11Page - NEC UPB586G Datasheet HTML 12Page - NEC UPB586G Datasheet HTML 13Page - NEC UPB586G Datasheet HTML 14Page - NEC UPB586G Datasheet HTML 15Page - NEC UPB586G Datasheet HTML 16Page - NEC UPB586G Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
PPPPPB1506GV, PPPPPB1507GV
PPPPPB1507GV
S22 vs. OUTPUT FREQUENCY
Divide by 256 mode, VCC = 5.0 V
S22
REF 1.0 Units
200.0 mUnits/
186.76
Ω 17.82 Ω
Z
START
STOP
0.045000000 GHz
0.100000000 GHz
MARKER 1
45.0 MHz
1
hp
C
D
: 45 MHz
: 100 MHz
1
2
1
2
FREQUENCY
S22
MHz
MAG
ANG
45.000
.580
3.0
50.000
.572
2.8
55.000
.571
2.9
60.000
.576
2.9
65.000
.585
3.2
70.000
.590
2.8
75.000
.589
2.5
80.000
.590
2.6
85.000
.588
2.9
90.000
.597
2.9
95.000
.600
3.1
100.000
.601
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com