Electronic Components Datasheet Search
  English  ▼

X  

AD8253 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8253
Description  Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 5 Page - Analog Devices

  AD8253_15 Datasheet HTML 1Page - Analog Devices AD8253_15 Datasheet HTML 2Page - Analog Devices AD8253_15 Datasheet HTML 3Page - Analog Devices AD8253_15 Datasheet HTML 4Page - Analog Devices AD8253_15 Datasheet HTML 5Page - Analog Devices AD8253_15 Datasheet HTML 6Page - Analog Devices AD8253_15 Datasheet HTML 7Page - Analog Devices AD8253_15 Datasheet HTML 8Page - Analog Devices AD8253_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD8253
Rev. B | Page 5 of 24
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±5
±15
V
Quiescent Current, +IS
4.6
5.3
mA
Quiescent Current, −IS
4.5
5.3
mA
Over Temperature
T = −40°C to +85°C
6
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
1 See Figure 20 for CMRR vs. frequency for more information on typical performance over frequency.
2 Input bias current over temperature: minimum at hot and maximum at cold.
3 See Figure 30 for input voltage limit vs. supply voltage and temperature.
4 See Figure 32, Figure 33, and Figure 34 for output voltage swing vs. supply voltage and temperature for various loads.
5 Add time for the output to slew and settle to calculate the total time for a gain change.
TIMING DIAGRAM
A0, A1
WR
tSU
tHD
tWR-HIGH
tWR-LOW
Figure 3. Timing Diagram for Latched Gain Mode (See the Timing for Latched Gain Mode Section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com