Electronic Components Datasheet Search
  English  ▼

X  

AD8305 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8305
Description  100 dB Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8305 Datasheet HTML 16Page - Analog Devices AD8305 Datasheet HTML 17Page - Analog Devices AD8305 Datasheet HTML 18Page - Analog Devices AD8305 Datasheet HTML 19Page - Analog Devices AD8305 Datasheet HTML 20Page - Analog Devices AD8305 Datasheet HTML 21Page - Analog Devices AD8305 Datasheet HTML 22Page - Analog Devices AD8305 Datasheet HTML 23Page - Analog Devices AD8305 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8305
Rev. B | Page 21 of 24
EVALUATION BOARD
An evaluation board is available for the AD8305, the schematic for which is shown in Figure 49. It can be configured for a wide variety of
experiments. The buffer gain is factory-set to unity, providing a slope of 200 mV/decade, and the intercept is set to 1 nA. Table 4 describes
the various configuration options.
Table 4. Evaluation Board Configuration Options
Component
Function
Default Condition
P1
Supply interface. Provides access to supply pins, VNEG, COMM, and VPOS.
P1 = installed
P2, R8, R9, R10,
R11, R17, R18
Monitor Interface. By adding 0 Ω resistors to R8, R9, R10, R11, R17, and R18, the
VRDZ, VREF, VSUM, VOUT, and VLOG pin voltages can be monitored using a high
impedance probe.
P2 = Not installed
R8 = R9 = R10 = Open (size 0603)
R17 = R18 = Open (size 0603)
R2, R3, R4, R6,
R14, C2, C7, C9,
C10
Buffer amplifier/output interface. The logarithmic slope of the AD8305 can be
altered using the buffer’s gain-setting resistors, R2 and R3. R4, R14, and C2 allow
variation in the buffer loading. R6, C7, C9, and C10 are provided for a variety of
filtering applications.
R2 = R6 = 0 Ω (size 0603)
R3 = R4 = open (size 0603)
R11 = R14 = 0 Ω (size 0603)
C2 = C7 = open (size 0603)
C9 = C10 = open (size 0603)
VLOG = VOUT = installed
R1, R7, R19, R20
Intercept adjustment. The voltage dropped across resistor R1 determines the
intercept reference current, nominally set to 10 μA using a 200 kΩ 1% resistor. R7
and R19 can be used to adjust the output-offset voltage at the VLOG output.
R1 = 200 kΩ (size 0603)
R7 = R19 = 0 Ω (size 0603)
R20 = open (size 0603)
R12, R15, C3, C4,
C5, C6
Supply Decoupling.
C3 = C4 = 0.01 μF
(size 0603)
C5 = C6 = 0.1 μF (size 0603)
R12 = R15 = 0 Ω (size 0603)
C11
VSUM decoupling capacitor.
C11 = 1 nF (size 0603)
R13, R16, C1, C8
Input compensation. Provides essential HF compensation at the input pins, INPT
and IREF.
R13 = R16 = 1 kΩ (size 0603)
C1 = C8 = 1 nF (size 0603)
IREF, INPT, PD,
LK1, R5
Input interface. The test board is configured to accept a current through the SMA
connector labeled INPT. An SC-style packaged photodiode can be used in place
of the INPT SMA for optical interfacing. By removing R1 and adding a 0 Ω short
for R5, a second current can be applied to the IREF input (also SMA) for evaluating
the AD8305 in log-ratio applications.
IREF = INPT = installed
PD = not installed
LK1 = installed
R5 = open (size 0603)
J1
SC-Style Photodiode. Allows for direct mounting of SC style photodiodes.
J1 = not installed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com