Electronic Components Datasheet Search
  English  ▼

X  

UPB1506 Datasheet(PDF) 2 Page - NEC

Part # UPB1506
Description  3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1506 Datasheet(HTML) 2 Page - NEC

  UPB1506 Datasheet HTML 1Page - NEC UPB1506 Datasheet HTML 2Page - NEC UPB1506 Datasheet HTML 3Page - NEC UPB1506 Datasheet HTML 4Page - NEC UPB1506 Datasheet HTML 5Page - NEC UPB1506 Datasheet HTML 6Page - NEC UPB1506 Datasheet HTML 7Page - NEC UPB1506 Datasheet HTML 8Page - NEC UPB1506 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
PPPPPB1506GV, PPPPPB1507GV
PIN CONNECTION (Top View)
Pin
NO.
PPB1506GV
PPB1507GV
1SW1
IN
2IN
VCC
3IN
SW1
4GND
OUT
5NC
GND
6SW2
SW2
7
OUT
NC
8VCC
IN
PRODUCT LINE-UP
Features
(division, Freq.)
Part No.
ICC
(mA)
fin
(GHz)
VCC
(V)
Package
Pin connection
y512, y256, 2.5 GHz
PPB586G
28
0.5 to 2.5
4.5 to 5.5
8 pin SOP 225 mil
NEC original
y128, y64, 2.5 GHz
PPB588G
26
0.5 to 2.5
4.5 to 5.5
y256, y128, y64
PPB1505GR
14
0.5 to 3.0
4.5 to 5.5
Standard
3.0 GHz
PPB1506GV
19
0.5 to 3.0
4.5 to 5.5
8 pin SSOP 175 mil
NEC original
PPB1507GV
19
0.5 to 3.0
4.5 to 5.5
Standard
Remarks x
This table shows the TYP values of main parameters.
Please refer to ELECTRICAL
CHARACTERISTICS.
x
PPB586G and PPB588G are discontinued.
INTERNAL BLOCK DIAGRAM
D
CLK
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
SW1
SW2
AMP
OUT
IN
IN
5
6
7
8
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com