Electronic Components Datasheet Search
  English  ▼

X  

UPC1093J Datasheet(PDF) 1 Page - NEC

Part # UPC1093J
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1093J Datasheet(HTML) 1 Page - NEC

  UPC1093J Datasheet HTML 1Page - NEC UPC1093J Datasheet HTML 2Page - NEC UPC1093J Datasheet HTML 3Page - NEC UPC1093J Datasheet HTML 4Page - NEC UPC1093J Datasheet HTML 5Page - NEC UPC1093J Datasheet HTML 6Page - NEC UPC1093J Datasheet HTML 7Page - NEC UPC1093J Datasheet HTML 8Page - NEC UPC1093J Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1986
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC1093
ADJUSTABLE PRECISION SHUNT REGULATORS
Document No. G10634EJ5V0DS00 (5th edition)
(Previous No. IC-1791)
Date Published September 1998 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice.
DESCRIPTION
The
µPC1093 are adjustable precision shunt regulators with guaranteed thermal stability. The output voltage can
be set to any value between reference voltage (2.495 V) and 36 V by two external resistors.
These ICs can apply to error amplifier of switching regulators.
FEATURES
•
High Accuracy
VREF = 2.495 V
± 2 %
•
Low Temperature Coefficient
∆VREF/∆T ≤ 100 ppm/°C
•
Adjustable Output Voltage by two External Resistors
VREF
≤ VO ≤ 36 V
•
Low Dynamic Impedance
| ZKA | = 0.1
ΩTYP.
ORDERING INFORMATION
Part Number
Package
µPC1093J
3-pin plastic SIP (TO-92)
µPC1093G
8-pin plastic SOP (225 mil)
µPC1093T
Power mini mold (SOT-89)
µPC1093TA
5-pin plastic mini mold (SC-74A)


Similar Part No. - UPC1093J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1093J RENESAS-UPC1093J Datasheet
209Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
More results

Similar Description - UPC1093J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com