Electronic Components Datasheet Search
  English  ▼

X  

FSPS230D1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSPS230D1
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSPS230D1 Datasheet(HTML) 4 Page - Intersil Corporation

  FSPS230D1 Datasheet HTML 1Page - Intersil Corporation FSPS230D1 Datasheet HTML 2Page - Intersil Corporation FSPS230D1 Datasheet HTML 3Page - Intersil Corporation FSPS230D1 Datasheet HTML 4Page - Intersil Corporation FSPS230D1 Datasheet HTML 5Page - Intersil Corporation FSPS230D1 Datasheet HTML 6Page - Intersil Corporation FSPS230D1 Datasheet HTML 7Page - Intersil Corporation FSPS230D1 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FIGURE 3. TYPICAL DRAIN INDUCTANCE REQUIRED TO
LIMIT GAMMA DOT CURRENT TO IAS
FIGURE 4. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
FIGURE 6. BASIC GATE CHARGE WAVEFORM
FIGURE 7. TYPICAL NORMALIZED rDS(ON) vs JUNCTION
TEMPERATURE
FIGURE 8. TYPICAL OUTPUT CHARACTERISTICS
Performance Curves Unless Otherwise Specified (Continued)
300
100
10
DRAIN SUPPLY (V)
1000
ILM = 10A
300A
1E-4
1E-5
1E-6
30
100A
30A
1E-7
1E-3
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
10
14
12
2
4
6
8
16
18
10
1
1
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
100
1000
100
AREA MAY BE
LIMITED BY rDS(ON)
OPERATION IN THIS
100
µs
1ms
10ms
TC = 25
oC
CHARGE
QGD
QG
VG
QGS
12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250ms, VGS = 12V, ID = 9A
10
8
6
4
2
0
40
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
30
20
10
50
VGS = 6V
VGS = 6V
VGS = 8V
VGS = 10V
VGS = 12V
VGS = 14V
FSPS230R, FSPS230F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com