Electronic Components Datasheet Search
  English  ▼

X  

FSPS230R3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSPS230R3
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSPS230R3 Datasheet(HTML) 1 Page - Intersil Corporation

  FSPS230R3 Datasheet HTML 1Page - Intersil Corporation FSPS230R3 Datasheet HTML 2Page - Intersil Corporation FSPS230R3 Datasheet HTML 3Page - Intersil Corporation FSPS230R3 Datasheet HTML 4Page - Intersil Corporation FSPS230R3 Datasheet HTML 5Page - Intersil Corporation FSPS230R3 Datasheet HTML 6Page - Intersil Corporation FSPS230R3 Datasheet HTML 7Page - Intersil Corporation FSPS230R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TM
File Number
4866
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
Star*Power™ is a trademark of Intersil Corporation.
FSPS230R, FSPS230F
Radiation Hardened, SEGR Resistant
N-Channel Power MOSFETs
Intersil Star*Power™ Rad Hard
MOSFETs have been specifically
developed for high performance
applications in a commercial or
military space environment. Star*Power MOSFETs offer the
system designer both extremely low rDS(ON) and Gate
Charge allowing the development of low loss Power
Subsystems. Star*Power FETs combine this electrical
capability with total dose radiation hardness up to 300K
RADs while maintaining the guaranteed performance for
SEE (Single Event Effects) which the Intersil FS families
have always featured.
The Intersil portfolio of Star*Power FETs includes a family of
devices in various voltage, current and package styles. The
Star*Power family consists of Star*Power and Star*Power
Gold products. Star*Power FETs are optimized for total dose
and rDS(ON) performance while exhibiting SEE capability at
full rated voltage up to an LET of 37. Star*Power Gold FETs
have been optimized for SEE and Gate Charge providing
SEE performance to 80% of the rated voltage for an LET of
82 with extremely low gate charge characteristics.
This MOSFET is an enhancement-mode silicon-gate power
field effect transistor of the vertical DMOS (VDMOS)
structure. It is specifically designed and processed to be
radiation tolerant. The MOSFET is well suited for
applications exposed to radiation environments such as
switching regulation, switching converters, power
distribution, motor drives and relay drivers as well as other
power control and conditioning applications. As with
conventional MOSFETs these Radiation Hardened
MOSFETs offer ease of voltage control, fast switching
speeds and ability to parallel switching devices.
Reliability screening is available as either TXV or Space
equivalent of MIL-S-19500.
Formerly available as type TA45210W.
Features
• 14A, 200V, rDS(ON) = 0.145Ω
• UIS Rated
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
- Rated to 300K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 100% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IAS
• Photo Current
- 3.0nA Per-RAD (Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 1E13 Neutrons/cm2
- Usable to 1E14 Neutrons/cm2
Symbol
Packaging
TO-257AA
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Engineering Samples
FSPS230D1
100K
TXV
FSPS230R3
100K
Space
FSPS230R4
300K
TXV
FSPS230F3
300K
Space
FSPS230F4
D
G
S
G
S
D
CAUTION: Beryllia Warning per MIL-S-19500
refer to package specifications.
Data Sheet
May 2000


Similar Part No. - FSPS230R3

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
M-System Co.,Ltd.
FSP MSYSTEM-FSP Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FSP-10-K MSYSTEM-FSP-10-K Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FSP-10-K/Q MSYSTEM-FSP-10-K/Q Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FSP-10-L MSYSTEM-FSP-10-L Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FSPS230R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPL230R INTERSIL-FSPL230R Datasheet
81Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 2000
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE23A0D INTERSIL-FSYE23A0D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com