Electronic Components Datasheet Search
  English  ▼

X  

FSS230D Datasheet(PDF) 5 Page - Intersil Corporation

Part # FSS230D
Description  8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS230D Datasheet(HTML) 5 Page - Intersil Corporation

  FSS230D Datasheet HTML 1Page - Intersil Corporation FSS230D Datasheet HTML 2Page - Intersil Corporation FSS230D Datasheet HTML 3Page - Intersil Corporation FSS230D Datasheet HTML 4Page - Intersil Corporation FSS230D Datasheet HTML 5Page - Intersil Corporation FSS230D Datasheet HTML 6Page - Intersil Corporation FSS230D Datasheet HTML 7Page - Intersil Corporation FSS230D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3-81
FIGURE 8. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits and Waveforms
FIGURE 9. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 10. UNCLAMPED ENERGY WAVEFORMS
FIGURE 11. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
10
1
0.1
1
10
50
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV, TIME IN AVALANCHE (ms)
IF R = 0
tAV = (L) (IAS) /
(1.3 RATED BVDSS - VDD)
IF R
≠ 0
tAV = (L/R) ln [(IAS*R) /
(1.3 RATED BVDSS - VDD) + 1]
0.01
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
Ω
50
Ω
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
VDD
VDS
BVDSS
tP
IAS
tAV
VDS
DUT
RGS
0V
VGS = 12V
VDD
RL
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
FSS230D, FSS230R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com