Electronic Components Datasheet Search
  English  ▼

X  

FSS430D Datasheet(PDF) 8 Page - Intersil Corporation

Part # FSS430D
Description  3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS430D Datasheet(HTML) 8 Page - Intersil Corporation

  FSS430D Datasheet HTML 1Page - Intersil Corporation FSS430D Datasheet HTML 2Page - Intersil Corporation FSS430D Datasheet HTML 3Page - Intersil Corporation FSS430D Datasheet HTML 4Page - Intersil Corporation FSS430D Datasheet HTML 5Page - Intersil Corporation FSS430D Datasheet HTML 6Page - Intersil Corporation FSS430D Datasheet HTML 7Page - Intersil Corporation FSS430D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3-96
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FSS430D, FSS430R
TO-257AA
3 LEAD JEDEC TO-257AA HERMETIC METAL PACKAGE
Q
D
L
H1
b
e
e1
A1
E
A
J1
0.065 R TYP.
ØP
L1
Ø
b1
12
3
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.190
0.200
4.83
5.08
-
A1
0.035
0.045
0.89
1.14
-
Øb
0.025
0.035
0.64
0.88
2, 3
Øb1
0.060
0.090
1.53
2.28
-
D
0.645
0.665
16.39
16.89
-
E
0.410
0.420
10.42
10.66
-
e
0.100 TYP
2.54 TYP
4
e1
0.200 BSC
5.08 BSC
4
H1
0.230
0.250
5.85
6.35
-
J1
0.110
0.130
2.80
3.30
4
L
0.600
0.650
15.24
16.51
-
L1
-
0.035
-
0.88
-
ØP
0.140
0.150
3.56
3.81
-
Q
0.113
0.133
2.88
3.37
-
NOTES:
1. These dimensions are within allowable dimensions of Rev. B of
JEDEC TO-257AA dated 9-88.
2. Add typically 0.002 inches (0.05mm) for solder coating.
3. Lead dimension (without solder).
4. Position of lead to be measured 0.150 inches (3.81mm) from bottom
of dimension D.
5. Die to base BeO isolated, terminals to case ceramic isolated.
6. Controlling dimension: Inch.
7. Revision 1 dated 1-93.
WARNING!
BERYLLIA WARNING PER MIL-S-19500
Packages containing beryllium oxide (BeO) shall not be ground, machined, sandblasted, or subject to any mechanical
operation which will produce dust containing any beryllium compound. Packages containing any beryllium compound
shall not be subjected to any chemical process (etching, etc.) which will produce fumes containing beryllium or its’
compounds.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com