Electronic Components Datasheet Search
  English  ▼

X  

2SD1615-M Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1615-M
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1615-M Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1615-M Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1615-M Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1615-M Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1615
■
Typical Characterisitics
without he
atsink
TA – Ambient Temperature – ˚C
0
40
80
120
160
200
2.5
2.0
1.5
1.0
0.5
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
100
80
60
40
20
0
2
4
6
8
10
300 A
µ
200 A
µ
200 A
µ
150 A
µ
100 A
µ
IB = 50 A
µ
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE – Collector to Emitter Voltage – V
1000
500
200
100
50
20
10
5
0.01 0.02 0.05 0.1 0.2
0.5
1
2
5
10
IC – Collector Current – A
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 2.0 V
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
3.0 mA
2.5 mA
2.0 mA
1.5 mA
1.0 mA
IB = 0.5 mA
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE(sat) – Collector Saturation Voltage – V
2
1
0.5
0.2
0.1
0.05
0.02
0.01 0.02 0.05 0.1 0.2
0.5
1
2
5
10
IC – Collector Current – A
COLLECTOR AND BASE SATURATION
VOLTAGE vs. COLLECTOR CURRENT
3.5
mA
4.0
mA
5.0 mA
4.5 mA
IC = 20·IB
VC
E(s
at)
VBE(sat)
SAFE OPERATING AREA
(TRANSIENT THERMAL RESISTANCE
METHOD)
1 pulse
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
1
2
5
10
20
50
100
VCE – Collector to Emitter Voltage – V
200
ms
DC



Html Pages

1 2 3