Electronic Components Datasheet Search
  English  ▼

X  

AD8522 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8522
Description  Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8522 Datasheet(HTML) 4 Page - Analog Devices

  AD8522 Datasheet HTML 1Page - Analog Devices AD8522 Datasheet HTML 2Page - Analog Devices AD8522 Datasheet HTML 3Page - Analog Devices AD8522 Datasheet HTML 4Page - Analog Devices AD8522 Datasheet HTML 5Page - Analog Devices AD8522 Datasheet HTML 6Page - Analog Devices AD8522 Datasheet HTML 7Page - Analog Devices AD8522 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD8522
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS*
VDD to DGND & AGND . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
Logic Inputs and Output to DGND . . . . . –0.3 V, VDD + 0.3 V
VOUT to AGND . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VREF to AGND . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
IOUT Short Circuit to GND or VDD . . . . . . . . . . . . . . . . 50 mA
Package Power Dissipation . . . . . . . . . . . . . . . (TJ max–TA)/
θ
JA
Thermal Resistance,
θ
JA
14-Pin Plastic DIP Package (N-14) . . . . . . . . . . . . . 83
°C/W
14-Lead SOIC Package (SO-14) . . . . . . . . . . . . . . 120
°C/W
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
Operating Temperature Range . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8522AN
–40
°C to +85°C
14-Pin P-DIP
N-14
AD8522AR
–40
°C to +85°C
14-Lead SOIC SO-14
The AD8522 contains 1482 transistors.
PIN CONFIGURATION
14-Pin Plastic DIP
14-Lead SO-14
VOUTA
AGND
VOUTB
VREF
CLK
SDI
SDO
RS
LDA
LDB
DGND
CS
VDD
MSB
1
2
14
13
10
9
8
12
11
5
6
7
3
4
AD8522
(Not To Scale)
1
Table II. Truth Tables
DAC Register Preset
RS
MSB
Register Activity
0
0
Asynchronously Resets DAC Registers to Zero
Scale
0
1
Asynchronously Presets DAC Registers to
Half Scale (800H)
1
X
None
Shift Register
CS
CLK
Shift Register
1
X
No Effect
0
↑
Shifts Register One Bit, SDO Outputs Data
from 16 Clocks Earlier
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8522 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN DESCRIPTION
Pin
Function
SDI
Serial Data Input, input data loads directly into the shift register.
CLK
Clock input, positive edge clocks data into shift register.
CS
Chip Select, active low input. Prevents shift register loading when high. Does not affect LDA and LDB operation.
LDA
/B
Load DAC register strobes, active low. Transfers shift register data to DAC register. See truth table for operation.
Software decode feature only requires one LD strobe. Tie LDA and LDB together or use one of them with the
other pin tied high.
SDO
Serial Data Output. Output of shift register, always active.
RS
Resets DAC registers to condition determined by MSB pin. Active low input.
MSB
Digital input: High presets DAC registers to half scale (800H); Low clears all registers to zero (000H), when RS is
strobed to active low.
VDD
Positive +5 V power supply input. Tolerance
±10%.
AGND
Analog Ground Input.
DGND
Digital Ground Input.
VREF
Reference Voltage Output, 2.5 V nominal.
VOUT A/B
DAC A/B voltage outputs, 4.095 V full scale,
±5 mA output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com