Electronic Components Datasheet Search
  English  ▼

X  

HA-2841/883 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HA-2841/883
Description  Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2841/883 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HA-2841/883 Datasheet HTML 5Page - Intersil Corporation HA-2841/883 Datasheet HTML 6Page - Intersil Corporation HA-2841/883 Datasheet HTML 7Page - Intersil Corporation HA-2841/883 Datasheet HTML 8Page - Intersil Corporation HA-2841/883 Datasheet HTML 9Page - Intersil Corporation HA-2841/883 Datasheet HTML 10Page - Intersil Corporation HA-2841/883 Datasheet HTML 11Page - Intersil Corporation HA-2841/883 Datasheet HTML 12Page - Intersil Corporation HA-2841/883 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3-75
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HA-2841
TYPICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: VSUPPLY = ±15V, RL = 1kΩ, CL ≤ 10pF, Unless Otherwise Specified.
PARAMETERS
CONDITIONS
TEMPERATURE
TYPICAL
UNITS
Input Offset Voltage
VCM = 0V
+25oC1
mV
Average Offset Voltage Drift
Versus Temperature
Full
14
µV/oC
Input Bias Current
VCM = 0V
+25oC
5.0
µA
Full
8.0
µA
Input Offset Current
VCM = 0V
+25oC
0.5
µA
Differential Input Resistance
+25oC
170
k
Ω
Input Noise Voltage
fO = 10Hz to 1MHz
+25oC16
µV
RMS
Input Noise Voltage Density
fO = 1000Hz
+25oC
16
nV/
√Hz
Input Noise Current Density
fO = 1000Hz
+25oC2
pA
/√Hz
Large Signal Voltage Gain
VOUT = ±10V
+25oC
50
kV/V
Full
30
kV/V
CMRR
VCM = ±2V
Full
95
dB
Gain Bandwidth Product
f = 10MHz
+25oC
50
MHz
Output Voltage Swing
Full
±10.5
V
Output Current
VOUT > 10V
Full
30
mA
Output Resistance
Open Loop
+25oC
8.5
Ω
Full Power Bandwidth
FPBW = SR/2
πV
P, VP = 10V
+25oC
4.6
MHz
Slew Rate
VOUT = ±5V, AV = +2
+25oC
290
V/
µs
Rise Time
VOUT = ±100mV, AV = +2
+25oC
3.5
ns
Overshoot
VOUT = ±100mV, AV = +2
+25oC47
%
Settling Time
0.1%, 10V Step, AV = +2
+25oC
145
ns
PSRR
Delta VS = ±10V to ±20V
Full
80
dB
Supply Current
No Load
Full
10
mA
Differential Gain
RL = 700Ω
+25oC
0.03
%
Differential Phase
RL = 700Ω
+25oC
0.03
Degrees
Gain Flatnes to 5MHz
RL = 75Ω
+25oC
±0.015
dB
Gain Flatness to 10MHz
RL = 75Ω
+25oC
±0.05
dB
Spec Number
511087-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com